Electronic Components Datasheet Search
  English  ▼

X  

8980 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 8980
Description  SUPERSERVO SPINDLE & VOICE-COIL ACTUATION MANAGER/DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8980 Datasheet(HTML) 4 Page - Allegro MicroSystems

  8980 Datasheet HTML 1Page - Allegro MicroSystems 8980 Datasheet HTML 2Page - Allegro MicroSystems 8980 Datasheet HTML 3Page - Allegro MicroSystems 8980 Datasheet HTML 4Page - Allegro MicroSystems 8980 Datasheet HTML 5Page - Allegro MicroSystems 8980 Datasheet HTML 6Page - Allegro MicroSystems 8980 Datasheet HTML 7Page - Allegro MicroSystems 8980 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
8980
SUPERSERVO™
SPINDLE & VOICE-COIL
ACTUATION MANAGER/DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SPINDLE
The spindle function is a three-phase
back-EMF sensing motor controller and
driver. During start-up, internal circuitry
provides complete spindle control and drive.
At speed however, an external
microcontroller is used to provide speed
(phase/frequency) detection as well as
compensation.
ENERGY MANAGER
The management of available energy
is provided by automatic operating modes
envoked by the fault monitor or sleep-mode
manager. The fault monitor consists of an
over-velocity fault circuit, a V
CC(A) under-
voltage fault circuit, and a thermal fault circuit.
The operating modes include V
CC(PWR) isola-
tion, active rectification of spindle back-EMF
voltage to provide nearly lossless conversion
of spindle rotational inertia into power to
operate the voice-coil motor for parking the
TERMINAL FUNCTIONS
ANALOG SUPPLY
VCC(A); supplies all analog functions except for gate drive of power output transistors. For most
applications, VCC(A), VCC(D), and VCC(PWR) are connected together.
DIGITAL SUPPLY
VCC(D); supplies all digital functions. For most applications, VCC(A), VCC(D), and VCC(PWR) are
connected together.
LOAD SUPPLY
VCC(PWR); supplies all voice-coil and spindle power output transistors. This terminal is internally
connected to the source of the blocking FET used to isolate VM from VCC(PWR) on system failure
or shutdown. For most applications, VCC(A), VCC(D), and VCC(PWR) are connected together.
SUB
Substrate. This terminal must be connected to ground.
VM
Supplies power to the voice-coil and spindle power output transistors. Connect this terminal to
the external flyback inductor for the dc-to-dc converter; internally connected to the drain of the
blocking FET.
LFLYBCK
External inductor for the dc-to-dc converter.
VBOOST(H)
Internally generated “high” voltage for driving the gates of all source-side power output
transistors. This source is regulated and requires a compensation capacitor from this terminal
to ground.
heads, actuator retract mode controlled by constant voltage, and
several sleep modes. In addition, a power-on reset function and two
programmable voltage references (V
REF and VREF(x2)) are provided that
are suitable for output to the user.
An onboard dc-to-dc converter generates two regulated “high”
(greater than the supply) voltages referred to as V
BOOST(H) and VBOOST(L).
These voltages supply critical functions with maximum immunity from
supply variations.
SERIAL INTERFACE
The serial interface is used to alter the control state of the device
from an external microcontroller or other digital CMOS source.
In addition to the various operational and diagnostic control states
(modes), all critical constants, variables, and parameters can be
adjusted through this interface. The serial interface is a synchronous
serial three-wire port with serial data input, clock, and load (active low)
functions. When LOAD is high, the serial interface is disabled and the
chip is not affected by changes in SER DATA IN or CLK SER. To
write data to the serial interface, CLK SER should be low prior to
LOAD going low. Once LOAD goes low, information at SER DATA IN
is read into the shift register on the positive-going transitions of
CLK SER.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com