Electronic Components Datasheet Search
  English  ▼

X  

MP2308 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2308
Description  18V, 4A Synchronous Step-Down Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2308 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2308 Datasheet HTML 1Page - Monolithic Power Systems MP2308 Datasheet HTML 2Page - Monolithic Power Systems MP2308 Datasheet HTML 3Page - Monolithic Power Systems MP2308 Datasheet HTML 4Page - Monolithic Power Systems MP2308 Datasheet HTML 5Page - Monolithic Power Systems MP2308 Datasheet HTML 6Page - Monolithic Power Systems MP2308 Datasheet HTML 7Page - Monolithic Power Systems MP2308 Datasheet HTML 8Page - Monolithic Power Systems MP2308 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP2308 – 18V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2308 Rev. 1.0
www.MonolithicPower.com
2
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP2308GD*
QFN14 (2x3mm)
AEE
* For Tape & Reel, add suffix –Z (eg. MP2308GD–Z);
PACKAGE REFERENCE
TOP VIEW
GND
SW
BST
VCC
FREQ
SS
FB
GND
SW
IN
EN
AAM
GND
1
2
3
4
5
67
14
13
12
11
10
9
8
GND
IN
2x3 QFN14
ABSOLUTE MAXIMUM RATINGS (1)
VIN ..................................................-0.3V to 21V
VSW..................................................-0.3V to 22V
VBST ...................................................... VSW + 6V
All Other Pins................................-0.3V to 6.5 V
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Continuous Power Dissipation (TA = +25°C)
(2)
2x3 QFN14 ................................................ 1.8W
Junction Temperature...............................150
C
Operating Temperature.............. -40
C to +85C
Recommended Operating Conditions
(3)
Supply Voltage VIN .........................4.75V to 18V
Output Voltage VOUT............... 0.815V - VINx90%
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN14 (2x3mm)..................... 70 ...... 15...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com