Electronic Components Datasheet Search
  English  ▼

X  

MP2308 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2308
Description  18V, 4A Synchronous Step-Down Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2308 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2308 Datasheet HTML 5Page - Monolithic Power Systems MP2308 Datasheet HTML 6Page - Monolithic Power Systems MP2308 Datasheet HTML 7Page - Monolithic Power Systems MP2308 Datasheet HTML 8Page - Monolithic Power Systems MP2308 Datasheet HTML 9Page - Monolithic Power Systems MP2308 Datasheet HTML 10Page - Monolithic Power Systems MP2308 Datasheet HTML 11Page - Monolithic Power Systems MP2308 Datasheet HTML 12Page - Monolithic Power Systems MP2308 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP2308 – 18V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2308 Rev. 1.0
www.MonolithicPower.com
9
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
The MP2308 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve more than 4A
continuous output current over a wide input
supply range with excellent load and line
regulation.
The MP2308 operates in a fixed frequency,
peak current control mode to regulate the
output voltage. A PWM cycle is initiated by the
internal clock. The integrated high-side power
MOSFET is turned on and remains on until its
current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If, in
90% of one PWM period, the current in the
power MOSFET does not reach the COMP set
current value, the power MOSFET will be
forced to turn off.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal 0.8V reference (REF) and
outputs a current proportional to the difference
between the two. This output current is then
used to charge or discharge the internal
compensation network to form the COMP
voltage, which is used to control the power
MOSFET current. The optimized internal
compensation network minimizes the external
component counts and simplifies the control
loop design.
Internal Regulator
Most of the internal circuitries are powered from
the 5V internal regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN is greater than 5.0V, the output of
the regulator is in full regulation. When VIN is
lower than 5.0V, the output decreases, a 1μF
ceramic capacitor for decoupling purpose is
required.
Enable Control
The MP2308 has a dedicated enable control pin
(EN): pulling it high enables the IC, pulling it low
disables it. Tie EN to VIN through a resistor for
automatic start up. EN must be pulled low to
disable the part.
The EN pin is clamped internally using a 6.7V
series-Zener-diode as shown in Figure 2.
Connect the EN input pin through a pullup
resistor to any voltage connected to the VIN pin
such that the pullup resistor limits the EN input
current to less than 100µA.
For example, connecting 12V to VIN, RPULLUP ≥
(12V – 6.7V)/100µA = 53kΩ.
Connecting the EN pin is directly to a voltage
source without any pullup resistor requires
limiting the amplitude of the voltage source to
below 6V to prevent damage to the Zener
diode.
EN
EN LOGIC
Zener
6.7V typ.
GND
Figure 2: Zener Diode between EN and GND
The EN pin also features an internal 2.3μA
current source. Connect a capacitor to the EN
pin for delayed startup. When VIN exceeds the
input UVLO, an internal 2.3μA current source
charges the external capacitor. The external
capacitor connects to the non-inverting input of
a comparator. The part is enabled once the
capacitor voltage exceeds the 1.5V internal
reference voltage.
External Soft-Start
The soft start time can be adjusted by
connecting a capacitor from this pin to ground.
When the soft-start period starts, an internal
8μA current source begins charging the
external capacitor. During soft-start, the voltage
on the soft-start capacitor is connected to the
non-inverting input of the error amplifier. The
soft-start period lasts until the voltage on the
soft-start capacitor exceeds the reference
voltage of 0.815V. At this point the reference
voltage takes over at the no inverting error
amplifier input. The soft-start time can be
calculated as follows:
SS
SS
0.815V C (nF)
t(ms)
8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com