Electronic Components Datasheet Search
  English  ▼

X  

MP2308 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2308
Description  18V, 4A Synchronous Step-Down Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2308 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2308 Datasheet HTML 1Page - Monolithic Power Systems MP2308 Datasheet HTML 2Page - Monolithic Power Systems MP2308 Datasheet HTML 3Page - Monolithic Power Systems MP2308 Datasheet HTML 4Page - Monolithic Power Systems MP2308 Datasheet HTML 5Page - Monolithic Power Systems MP2308 Datasheet HTML 6Page - Monolithic Power Systems MP2308 Datasheet HTML 7Page - Monolithic Power Systems MP2308 Datasheet HTML 8Page - Monolithic Power Systems MP2308 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP2308 – 18V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2308 Rev. 1.0
www.MonolithicPower.com
5
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 4.7µH, fs=500kHz, TA = +25ºC, unless otherwise noted.
815
816
817
818
819
820
821
822
823
824
825
-50 -30 -10 10 30 50 70 90 110130
100
500
900
1300
1700
2100
2500
2900
350 450 550 650 750 850 950 1050
INPUT VOLTAGE(V)
OUTPUT CURRENT(A)
Peak Current vs. Duty
Cycle
INPUT VOLTAGE(V)
INPUT VOLTAGE(V)
OUTPUT CURRENT(A)
OUTPUT CURRENT(A)
Efficiency vs. Output
Current
0.001
0.01
0.1
1
10
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
4
6
8 10 12 14 16 18 20 22
2.5
3.5
4.5
5.5
6.5
7.5
8.5
5
152535455565
7.8
8
8.2
8.4
8.6
8.8
9
468 10 12 14 16 18 20 22
863
864
865
866
867
868
4
6
8 1012 1416 1820 22
Typical VFB vs. Temperature
0
7
14
21
28
35
42
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
70
75
80
85
90
95
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com