Electronic Components Datasheet Search
  English  ▼

X  

MP2308 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2308
Description  18V, 4A Synchronous Step-Down Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2308 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2308 Datasheet HTML 1Page - Monolithic Power Systems MP2308 Datasheet HTML 2Page - Monolithic Power Systems MP2308 Datasheet HTML 3Page - Monolithic Power Systems MP2308 Datasheet HTML 4Page - Monolithic Power Systems MP2308 Datasheet HTML 5Page - Monolithic Power Systems MP2308 Datasheet HTML 6Page - Monolithic Power Systems MP2308 Datasheet HTML 7Page - Monolithic Power Systems MP2308 Datasheet HTML 8Page - Monolithic Power Systems MP2308 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP2308 – 18V, 4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2308 Rev. 1.0
www.MonolithicPower.com
4
7/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN 2X3mm
Pin #
Name Description
1, 12,
13, 14
GND
Ground. Connect these pins with larger copper areas to the negative terminals of the
input and output capacitors. Connect exposed pad to GND plane for proper thermal
performance.
2, 11
SW
Switch Output. Use wide PCB traces and multiple vias to make the connection.
3, Center Pad
IN
Supply Voltage. The MP2308 operates from a +4.75V to +18V input rail. Cin is needed
to decouple the input rail. Use wide PCB traces and multiple vias to make the
connection.
4
EN
EN=1 to enable the MP2308. And EN=0 disables the MP2308.
5
AAM
Advanced Asynchronous Modulation Input. An active-high signal enables low-power
mode operation. Connect AAM pin to GND to disable it and make the converter always
operate in CCM (Continuous Current Mode).
6
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin,
sets the output voltage. To prevent current limit run away during a short circuit fault
condition the frequency fold-back comparator lowers the oscillator frequency when the
FB voltage is below 100mV.
7
SS
Soft Start. Connect an external capacitor to program the soft start time for the switch
mode regulator.
8
FREQ
Switching Frequency Program Input. Connect a resistor from this pin to ground to set
the switching frequency.
9
VCC
Bias Supply. Decouple with 1µF capacitor.
10
BST
Bootstrap. A capacitor connected between SW and BST pins is required to form a
floating supply across the high-side switch driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com