Electronic Components Datasheet Search
  English  ▼

X  

MP2605 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2605
Description  28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2605 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2605 Datasheet HTML 1Page - Monolithic Power Systems MP2605 Datasheet HTML 2Page - Monolithic Power Systems MP2605 Datasheet HTML 3Page - Monolithic Power Systems MP2605 Datasheet HTML 4Page - Monolithic Power Systems MP2605 Datasheet HTML 5Page - Monolithic Power Systems MP2605 Datasheet HTML 6Page - Monolithic Power Systems MP2605 Datasheet HTML 7Page - Monolithic Power Systems MP2605 Datasheet HTML 8Page - Monolithic Power Systems MP2605 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP2605 – 28V, 1A LINEAR BATTERY CHARGER WITH TRICKLE CHARGE AND TIMER
MP2605 Rev. 0.94
www.MonolithicPower.com
5
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VIN
Input Supply Pin. VIN receives the AC adapter or USB supply voltage.
2
ACOK
Open-Drain Fault Status Indicator. This pin is high under any fault conditions.
3
CHG
Open-Drain Charge Indicator. This pin is low during charging, is high after battery full
or termination, and is toggling when the battery is in fault condition.
4
TMR
Oscillator Period Timer. Connect a timing capacitor between this pin and GND to set
the oscillator period.
5
GND, Exposed
Pad
The exposed pad and GND pin must be connected to the same ground plane.
6
SHDN
Charger IC Enable. An input “Low” signal at this pin or pin floating will enable the IC.
7
SS
Soft-Start. Connect a capacitor to ground to set the soft-start time. The rising time
constant is
SS
3
C
10
400
×
×
, where CSS is in µF.
8
ISET
Constant Charge Current Program Pin. Connect this pin to an external resistor to
program the charging current in CC Mode.
9
NTC
Negative Temperature Coefficient (NTC) Thermistor Pin. Connect a 500kΩ resistor
from this pin to the VIN pin and a 100kΩ NTC resistor (within the battery pack) from
this pin to ground. If NTC function is not used, replace NTC resistor with a regular
100kΩ resistor from this pin to ground. Do not leave this pin floating.
10
BATT
Charger Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com