Electronic Components Datasheet Search
  English  ▼

X  

MP2605 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2605
Description  28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2605 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2605 Datasheet HTML 3Page - Monolithic Power Systems MP2605 Datasheet HTML 4Page - Monolithic Power Systems MP2605 Datasheet HTML 5Page - Monolithic Power Systems MP2605 Datasheet HTML 6Page - Monolithic Power Systems MP2605 Datasheet HTML 7Page - Monolithic Power Systems MP2605 Datasheet HTML 8Page - Monolithic Power Systems MP2605 Datasheet HTML 9Page - Monolithic Power Systems MP2605 Datasheet HTML 10Page - Monolithic Power Systems MP2605 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP2605 – 28V, 1A LINEAR BATTERY CHARGER WITH TRICKLE CHARGE AND TIMER
MP2605 Rev. 0.94
www.MonolithicPower.com
7
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES
CIN = 4.7µF, COUT = 2.2 µF, VIN = 5V, TA = +25°C, unless otherwise noted.
4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0
VIN (V)
ICHG Current vs
Input Voltage
1200
1000
800
600
400
200
0
1200
1000
800
600
400
200
0
2.7
3.0
3.3
3.6
3.9
4.2
Charge Current vs
Battery Voltage
1200
1000
800
600
400
200
0
0
1.0
2.0
3.0
4.0
5.0
VBAT (V)
VBAT (V)
Charge Current vs
Battery Voltage
0.6
0.5
0.4
0.3
0.2
0.1
0
0
200
400
600
800
1000
ISET (mA)
1/RSET vs.
ISET
1000
800
600
400
200
0
5
4
3
2
1
0
0
30
60
90
120 150 180
TIME (Min)
Battery Charge Curve
I
CHG=0.8A
I
CHG=0.5A
I
CHG=0.2A
I
CHG=1A
I
CHG=0.8A
I
CHG=0.5A
I
CHG=0.2A
I
CHG=1A
VBAT=4V
VBAT=4.1V
VBAT
ICHG
VIN
5V/div.
VSD
2V/div.
VBAT
2V/div.
ICHG
0.5A/div.
VIN
5V/div.
VSD
2V/div.
VBAT
2V/div.
ICHG
0.5A/div.
VIN
5V/div.
VCHG
5V/div.
VBAT
2V/div.
ICHG
0.5A/div.
4ms/div.
4ms/div.
4ms/div.
Shut Down Low
VIN = 5V, ISET Resistor = 2.26K
Shut Down High
VIN = 5V, ISET Resistor = 2.26K
VBAT = 3.8V
Power Ramp Up
VIN = 5V, ISET Resistor = 2.26K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com