Electronic Components Datasheet Search
  English  ▼

X  

MP2605 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2605
Description  28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2605 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2605 Datasheet HTML 5Page - Monolithic Power Systems MP2605 Datasheet HTML 6Page - Monolithic Power Systems MP2605 Datasheet HTML 7Page - Monolithic Power Systems MP2605 Datasheet HTML 8Page - Monolithic Power Systems MP2605 Datasheet HTML 9Page - Monolithic Power Systems MP2605 Datasheet HTML 10Page - Monolithic Power Systems MP2605 Datasheet HTML 11Page - Monolithic Power Systems MP2605 Datasheet HTML 12Page - Monolithic Power Systems MP2605 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP2605 – 28V, 1A LINEAR BATTERY CHARGER WITH TRICKLE CHARGE AND TIMER
MP2605 Rev. 0.94
www.MonolithicPower.com
11
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Charger Status Indication
The MP2605 has an integrated charge status pin
that remains low while the battery is charging.
Once the charge current threshold (IBF) is
reached, the CHG
pin will become high
impedance.
For different operation state, CHG indication is as
Table 2 shows.
Under full charge conditions, certain systems
may draw a very narrow current pulse that
exceeds the IBF threshold. The CHG indicator
may glitch. It is desirable to blank the CHG glitch
so that the system can properly indicate full
charge conditions to the user. A simple solution
is to add a RC filter on the
CHG pin to filter out
the possible CHG glitch, as shown in Figure 4.
Table 2—
CHG Indication for different Charge State
SHDN = High
Vin Fault
Battery Full
Time out Fault
Ambient
Temperature Fault
In Charging
CHG
HIGH
HIGH
Toggled at the
frequency
Hz
)
F
(
C
10
11
TMR
6
µ
×
−
HIGH
LOW
ACOK
is LOW while 3.0V<VIN<7V, otherwise it is HIGH.
TMR
4
NTC
9
IN
1
SS
7
SD
6
ACOK
3
CHG
2
GND
5
ISET
8
BAT
10
Figure 4—Filtered Charge Status with GPIO Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com