Electronic Components Datasheet Search
  English  ▼

X  

MP2605 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2605
Description  28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2605 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2605 Datasheet HTML 5Page - Monolithic Power Systems MP2605 Datasheet HTML 6Page - Monolithic Power Systems MP2605 Datasheet HTML 7Page - Monolithic Power Systems MP2605 Datasheet HTML 8Page - Monolithic Power Systems MP2605 Datasheet HTML 9Page - Monolithic Power Systems MP2605 Datasheet HTML 10Page - Monolithic Power Systems MP2605 Datasheet HTML 11Page - Monolithic Power Systems MP2605 Datasheet HTML 12Page - Monolithic Power Systems MP2605 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MP2605 – 28V, 1A LINEAR BATTERY CHARGER WITH TRICKLE CHARGE AND TIMER
MP2605 Rev. 0.94
www.MonolithicPower.com
9
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
Input Voltage Range
The MP2605 has built-in input voltage surge
protection as high as +28V. The charger IC will
be automatically disabled when the input
voltage is lower than 3.0V or higher than 7.0V.
The open-drain pin ACOK is used to indicate
an
input
power
good
condition
(i.e.
3.0V<VIN<7.0V). If the input voltage is lower
than the battery voltage, the IC is also disabled
to prevent the battery from draining.
Charge Cycle (Mode Change: Trickle -> CC->
CV)
Figure 2 shows the typical charging profile for
the MP2605. For a fully depleted battery with a
terminal voltage lower than 2.6V, the MP2605
will start with the trickle charge (preconditioning)
at 10% of the full charge current based on the
value of RCHG. If the charger stays in trickle
mode longer than 32768 cycles, the battery
fault condition will be indicated by flashing the
CHG
LED. After the battery voltage reaches
2.6V, the charger begins charging using the
programmed charge current (ICHG).This is
referred to as Constant Current (CC) mode.
Once the battery voltage reaches 4.2V, the
charger will operate in the constant voltage (CV)
mode until the battery is fully charged. The
charge current drops during CV mode, and the
battery full indication is set when the charge
current is reduced to 20% of the programmed
constant current value (ICHG). The charge
process is then terminated. Recharge will start
after the battery voltage is reduced to 4.0V.
After 262144 cycles of continuous charging, if
the battery still has not reached 20% of the ICHG
condition, the on-chip timer will terminate the
charger to prevent charging the dead battery
excessively and the fault condition will be
flagged by flashing the CHG LED.
Charge Termination
The charge current will gradually decrease in
CV mode as the battery approaches full. The
battery full threshold is internally programmed
to be 20% of the ICHG. When the charge current
reaches this threshold, the charger IC will be
automatically turned off.
2.6V
4.2V
VBATT
10% of ICHG
20% of ICHG
Trickle
Charging
CC
Charging
Charging
Complete
CV
Charging
ICHG
IBATT
Figure 2—MP2605 Typical Charging Profile
Automatic Recharge
When VBATT drops to 4.0V, the charger will
automatically restart the charge cycle until the
20% ICHG condition is met again. When the input
adapter is unplugged, or the charger is disabled
and/or terminated, the leakage current from the
battery to the MP2605 is less than 1uA.
Programming of Charge Current and Battery
Full Current
The charge current (ICHG) is set by a resistor
(RCHG) connected from the ISET pin to GND,
)
mA
(
I
/
1700
)
k
(
R
CHG
CHG
=
Ω
.
The relationship between the charge current
and the programming resistance is established
by the following table and graph.
Table 1—RCHG and ICHG Relationship
RCHG (kΩ)
ICHG (mA)
1.65
1000
1.82
900
2.05
800
2.32
700
2.74
600
3.3
500
4.12
400
5.6
300
8.45
200
15
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com