Electronic Components Datasheet Search
  English  ▼

X  

MP2606 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2606
Description  Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2606 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2606 Datasheet HTML 1Page - Monolithic Power Systems MP2606 Datasheet HTML 2Page - Monolithic Power Systems MP2606 Datasheet HTML 3Page - Monolithic Power Systems MP2606 Datasheet HTML 4Page - Monolithic Power Systems MP2606 Datasheet HTML 5Page - Monolithic Power Systems MP2606 Datasheet HTML 6Page - Monolithic Power Systems MP2606 Datasheet HTML 7Page - Monolithic Power Systems MP2606 Datasheet HTML 8Page - Monolithic Power Systems MP2606 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP2606 – SINGLE CELL 1A LINEAR LI-ION BATTERY CHARGER W/O TRICKLE CHARGE
MP2606 Rev. 1.0
www.MonolithicPower.com
5
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, CIN = 4.7µF, COUT = 2.2µF, TA = +25°C, unless otherwise noted.
0
1
2
34
5
BATTERY VOLTAGE (V)
800mA
Charge Current vs.
Battery Voltage
0
200
400
600
800
1000
500mA
200mA
-40 -20
0
20
40
60
80
0
200
400
600
800
1000
Vbat=4V
Vbat=3.6V
-40
-20
0
20
40
60
80
0
100
200
300
400
500
600
Vbat=4V
Vbat=3.6V
4.17
4.175
4.18
4.185
4.19
4.195
4.2
-40
-20
0
20
40
60
80
ICHG = 0
-40 -20
0
20
40
60
80
0
50
100
150
200
250
Vbat=4V
Vbat=3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com