Electronic Components Datasheet Search
  English  ▼

X  

MP2606 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2606
Description  Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2606 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2606 Datasheet HTML 2Page - Monolithic Power Systems MP2606 Datasheet HTML 3Page - Monolithic Power Systems MP2606 Datasheet HTML 4Page - Monolithic Power Systems MP2606 Datasheet HTML 5Page - Monolithic Power Systems MP2606 Datasheet HTML 6Page - Monolithic Power Systems MP2606 Datasheet HTML 7Page - Monolithic Power Systems MP2606 Datasheet HTML 8Page - Monolithic Power Systems MP2606 Datasheet HTML 9Page - Monolithic Power Systems MP2606 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP2606 – SINGLE CELL 1A LINEAR LI-ION BATTERY CHARGER W/O TRICKLE CHARGE
MP2606 Rev. 1.0
www.MonolithicPower.com
6
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
BLOCK DIAGRAM
BATTERY
CHARGE
CONTROL
7
9
8
5
1
10
2
3
6
4
SS
CSS
RCHG
RBFL
IN
BATT
CHG
ACOK
GND
EN
VIN
CIN
COUT
VBATT
+
_
OFF ON
IBATT
RBFH
IBFH
IBFL
ISET
Figure 1—Functional Block Diagram
OPERATION
Input Voltage Range
The MP2606 has built-in input voltage surge
protection as high as +28V. The charger IC will
be automatically disabled when the input
voltage is lower than 2.5V or higher than 7.0V.
The open-drain pin ACOK is used to indicate
an
input
power
good
condition
(i.e.
2.5V<VIN<7.0V). If the input voltage is lower
than the battery voltage, the IC is also disabled
to prevent the battery from draining.
Charge Cycle (Mode Change: CC-> CV)
Figure 2 below shows the typical charging
profile for the MP2606. Figure 3 shows the
typical charging procedure. For a depleted
battery the MP2606 will start with the constant
current of the programmed value (ICHG). This is
referred to as Constant Current (CC) mode.
Once the battery voltage reaches 4.2V, the
charger will operate in the constant voltage (CV)
mode until the battery is fully charged. The
charge current drops during CV mode, and the
battery full indication is set when the charge
current in the CV mode is reduced to the
programmed full battery current (IBFL). After
battery full is asserted, the output current needs
to reach IBFH threshold to re-assert ”In-charge”
status.
The MP2606 can start up with heavy load and
is stable without a battery connected to the
BATT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com