Electronic Components Datasheet Search
  English  ▼

X  

MP2606 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2606
Description  Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2606 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2606 Datasheet HTML 2Page - Monolithic Power Systems MP2606 Datasheet HTML 3Page - Monolithic Power Systems MP2606 Datasheet HTML 4Page - Monolithic Power Systems MP2606 Datasheet HTML 5Page - Monolithic Power Systems MP2606 Datasheet HTML 6Page - Monolithic Power Systems MP2606 Datasheet HTML 7Page - Monolithic Power Systems MP2606 Datasheet HTML 8Page - Monolithic Power Systems MP2606 Datasheet HTML 9Page - Monolithic Power Systems MP2606 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP2606 – SINGLE CELL 1A LINEAR LI-ION BATTERY CHARGER W/O TRICKLE CHARGE
MP2606 Rev. 1.0
www.MonolithicPower.com
7
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
2.6V
4.2V
VBATT
10% of ICHG
IBFL
CC
Charging
Charging
Complete
CV
Charging
ICHG
IBATT
Figure 2—MP2606 Typical Charging Profile
Charge
Start
Charge
End
Soft-Start
Time
CC
Mode
CV
Mode
10% of ICHG (IBFL)
90% of ICHG
ICHG
4.2V
VBATT
VBATT
IBATT
IBATT
CHG
Figure 3—MP2606 Typical Charging
Procedure
Battery Over-Voltage Protection and
Automatic Recharge
At any time when VBATT is 50mV higher than the
trimmed charge target, the MP2606 reduces its
charge current to 0µA. This ensures the safety
of the battery. Also, the CV control loop always
monitors the battery voltage such that it will
automatically recharge the battery when it is
depleted below the target level.
Programming of Charge Current and Battery
Full Current
The charge current (ICHG) is set by a resistor
(RCHG) connecting from the ISET pin to GND.
The relationship of the charge current and the
programming resistance is established by the
following table and graph.
Table 1—RCHG and ICHG Relationship
RCHG (kΩ)
ICHG (mA)
1.82
913
2
835
2.16
778
2.5
677
3.32
521
4.32
410
5
357
7.5
236
8.45
208
10
176
Charge Current vs
1/RCHG Resistance
1000
900
800
700
600
500
400
300
200
0.00
0.20
0.10
0.30 0.40
0.60
0.50
1/RCHG
100
0
Figure 4—Charge Current vs 1/RCHG
Resistance
The recommended resistance for programming
the charge current is 2.3kΩ<RCHG<11kΩ. The
battery full charge current threshold (IBFL) is
programmed by connecting a resistor RBFL from
the IBFL pin to GND:
(1)
BFL
BFL
R
1.7kΩ
1A
I
×
=
(2)
BFL
BFH
BFH
//R
R
1.7kΩ
1A
I
×
=
Where 2RCHG<RBFL<10RCHG. The open-drain pin
CHG
is used to indicate charging status. When
the battery full condition is reached or any other
condition prevents the charger from charging,
CHG
will become a floating pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com