Electronic Components Datasheet Search
  English  ▼

X  

MP2606 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2606
Description  Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2606 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2606 Datasheet HTML 1Page - Monolithic Power Systems MP2606 Datasheet HTML 2Page - Monolithic Power Systems MP2606 Datasheet HTML 3Page - Monolithic Power Systems MP2606 Datasheet HTML 4Page - Monolithic Power Systems MP2606 Datasheet HTML 5Page - Monolithic Power Systems MP2606 Datasheet HTML 6Page - Monolithic Power Systems MP2606 Datasheet HTML 7Page - Monolithic Power Systems MP2606 Datasheet HTML 8Page - Monolithic Power Systems MP2606 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2606
Single-Cell 1A Linear Li-Ion
Battery Charger without Trickle Charge
MP2606 Rev. 1.0
www.MonolithicPower.com
1
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2606 is a linear, high-performance
single cell Li-Ion battery charger. By integrating
high voltage input protection into the charger IC,
the MP2606 can tolerate an input surge up to
28V.
The device features constant current (CC) and
constant voltage (CV) charging modes with
programmable charge currents (85mA to 1A),
programmable battery full threshold, thermal
protection and reverse current blocking. The
device also provides AC adapter power good
and charge status indications to the system.
MP2606 is available in 10-pin 3mm x 3mm QFN
package.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2606DQ-00A
2.0” x 1.9” x 0.6”
FEATURES
• Input Surge up to 28V
• Adapter or USB Input
• Programmable Charge Current: 85mA to 1A
• Proprietary Constant Voltage Auto Recharge
• Proprietary Over-Voltage Protection
• 0.75% VBATT Accuracy
• <1µA Battery Reverse Current
• 90µA Standby Current from VIN
• Over Current Protection
• AC Adapter Power Good Indicator
• Charge Status Indicator
• Programmable Soft-Start
• Programmable Charge Termination Current
Threshold
• Tiny 3mm x 3mm QFN Package
APPLICATIONS
• Cell Phones
• MP3/Multimedia Players
• Smart Phones
• PDAs
• Digital Cameras
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2606
BATT
ISET
EN
SS
GND
10
9
4
7
6
IN
VIN
GND
EN
CHG
ACOK
IBFH
IBFL
1
2
3
5
8
IBATT
LED1
Green
LED2
Red
BAT
JP4
GND
JP1
JP2
JP3


Similar Part No. - MP2606

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060EQ MPS-MP26060EQ Datasheet
284Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
More results

Similar Description - MP2606

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP2604 MPS-MP2604 Datasheet
355Kb / 10P
Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5803 GMT-G5803 Datasheet
76Kb / 1P
1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com