Electronic Components Datasheet Search
  English  ▼

X  

MP2610 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2610
Description  2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2610 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2610 Datasheet HTML 1Page - Monolithic Power Systems MP2610 Datasheet HTML 2Page - Monolithic Power Systems MP2610 Datasheet HTML 3Page - Monolithic Power Systems MP2610 Datasheet HTML 4Page - Monolithic Power Systems MP2610 Datasheet HTML 5Page - Monolithic Power Systems MP2610 Datasheet HTML 6Page - Monolithic Power Systems MP2610 Datasheet HTML 7Page - Monolithic Power Systems MP2610 Datasheet HTML 8Page - Monolithic Power Systems MP2610 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP2610 – 2A, 24V INPUT, 1.1MHz 1-2CELL SWITCHING LI-ION BATTERY CHARGER
MP2610 Rev. 0.91
www.MonolithicPower.com
5
7/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
NTC
Thermistor Input. Connect a resistor from this pin to the pin VREF33 and the Thermistor
from this pin to ground.
2
ACOK
Valid Input Supply Indicator. A logic LOW on this pin indicates the presence of a valid
input supply.
3
CHGOK
Charging Completion Indicator. A logic LOW indicates charging operation. The pin will
become an open drain once the charging is completed or suspended.
4
VREF33
Internal linear regulator 3.3V reference output. Bypass to GND with a 1μF ceramic
capacitor.
5
VREF25
Internal linear regulator 2.5V reference output.
6
EN
On/Off Control Input.
7
CELLS
Command Input for the Number of Li-Ion Cells. Connect this pin to VREF33 for 2-cell
operation or ground the pin for 1-cell operation. Do not leave this pin float.
8
COMPV
V-LOOP Compensation. Connect this pin with a capacitor and a resistor.
9
COMPI
I-LOOP Compensation. Connect this pin with a capacitor and a resistor.
10
BATT
Positive Battery Terminal.
11
CSP
Battery Current Sense Positive Input. Connect a resistor RS1 between CSP and BATT.
The full charge current is:
()
()
mΩ
RS1
200mV
A
I
CHG
=
.
12
GND,
Exposed
Pad
Ground. This pin is the voltage reference for the regulated output voltage. For this reason
care must be taken in its layout. This node should be placed outside of the switching
diode (D2) to the input ground path to prevent switching current spikes from inducing
voltage noise into the part. Connect exposed pad to ground plane for optional thermal
performance.
13
TMR
Set time constant. 0.1μA current charges and discharges the external cap.
14
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BS pins to form a floating supply across the
power switch driver.
15
SW
Switch Output.
16
IN
Supply Voltage. The MP2610 operates from a 5V to 24V unregulated input to charge 1~2
cell li-ion battery. Capacitor is needed to prevent large voltage spikes from appearing at
the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com