Electronic Components Datasheet Search
  English  ▼

X  

MP2610 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2610
Description  2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2610 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2610 Datasheet HTML 8Page - Monolithic Power Systems MP2610 Datasheet HTML 9Page - Monolithic Power Systems MP2610 Datasheet HTML 10Page - Monolithic Power Systems MP2610 Datasheet HTML 11Page - Monolithic Power Systems MP2610 Datasheet HTML 12Page - Monolithic Power Systems MP2610 Datasheet HTML 13Page - Monolithic Power Systems MP2610 Datasheet HTML 14Page - Monolithic Power Systems MP2610 Datasheet HTML 15Page - Monolithic Power Systems MP2610 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP2610 – 2A, 24V INPUT, 1.1MHz 1-2CELL SWITCHING LI-ION BATTERY CHARGER
MP2610 Rev. 0.91
www.MonolithicPower.com
14
7/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PC Board Layout
The high frequency and high current paths (GND,
IN and SW) should be placed to the device with
short, direct and wide traces. The input capacitor
needs to be as close as possible to the IN and
GND pins. The external feedback resistors
should be placed next to the FB pin. Keep the
switching node SW short and away from the
feedback network.
Application for USB Input
When a USB is selected as the power source of
the switching charger, the typical application
circuit is as figure 7 shows. One PMOS is used
instead of the block diode D1 to low down the
voltage drop, and realizing less minimum input to
charge a single cell battery full. The charge
current is set to be 1A to satisfy turbo USB or
5Vin Wall-Adapter specification requirement and
realize the fast charging.
Figure 8 is the typical charging curve. The charge
current can’t keep constant at the setting value
during the operation at the constant current
charging mode. It drops down when the
maximum duty of the part is hit. Set the charge
current lower, the constant current charge
duration will be extended. Results illuminates that
MP2610 is reasonable for the usual USB input
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com