Electronic Components Datasheet Search
  English  ▼

X  

MP2610 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2610
Description  2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2610 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2610 Datasheet HTML 8Page - Monolithic Power Systems MP2610 Datasheet HTML 9Page - Monolithic Power Systems MP2610 Datasheet HTML 10Page - Monolithic Power Systems MP2610 Datasheet HTML 11Page - Monolithic Power Systems MP2610 Datasheet HTML 12Page - Monolithic Power Systems MP2610 Datasheet HTML 13Page - Monolithic Power Systems MP2610 Datasheet HTML 14Page - Monolithic Power Systems MP2610 Datasheet HTML 15Page - Monolithic Power Systems MP2610 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP2610 – 2A, 24V INPUT, 1.1MHz 1-2CELL SWITCHING LI-ION BATTERY CHARGER
MP2610 Rev. 0.91
www.MonolithicPower.com
12
7/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Charge Mode?
VBATT>VBATT_TC
VBATT>VBATT_FULL
ICHG<IBF
Battery Full?
Charge On,
ACOK&
CHGOK is low
Charger “Off”,
ACOK is low,
CHGOK is high
C.V.C
C.C.C
T.C.C
VBATT
<VBATT_RECHG?
No
Normal Operation
VBATT>VBATT_FULL
VBATT<VBATT_TC
VBATT_TC<VBATT<VBATT_FULL
Yes
No
Yes
No
No
Yes
Yes
Charge Suspend
NTC OK?
Tj>=150
oC?
Tj<=130
oC?
Charge Current
Thermal Shutdown
Fault Protection
Yes
Charger Recovery,
Return to Normal
Operation
Yes
No
Yes
No
Yes
No
Charge
Termination,
ACOK& CHGOK
is high
Yes
NTC Fault?
No
Timer Out ?
No
Figure 5— Fault Protection Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com