Electronic Components Datasheet Search
  English  ▼

X  

MP2610 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2610
Description  2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2610 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2610 Datasheet HTML 8Page - Monolithic Power Systems MP2610 Datasheet HTML 9Page - Monolithic Power Systems MP2610 Datasheet HTML 10Page - Monolithic Power Systems MP2610 Datasheet HTML 11Page - Monolithic Power Systems MP2610 Datasheet HTML 12Page - Monolithic Power Systems MP2610 Datasheet HTML 13Page - Monolithic Power Systems MP2610 Datasheet HTML 14Page - Monolithic Power Systems MP2610 Datasheet HTML 15Page - Monolithic Power Systems MP2610 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MP2610 – 2A, 24V INPUT, 1.1MHz 1-2CELL SWITCHING LI-ION BATTERY CHARGER
MP2610 Rev. 0.91
www.MonolithicPower.com
15
7/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
L
RS1
VIN
VREF33
VREF25
CELLS
CHGOK
ACOK
NTC
EN
COMPV
COMPI
GND
TMR
BATT
CSP
BST
SW
MP2610
OFF
ON
C2
22uF
C3
1uF
C4
2.2nF
C5
2.2nF
C6
0.1uF
C7
0.1uF
R1 R2
R3
10k
10k
R4
2.5k
R5
750
4.7uH
400m
C1
4.7uF
RNTC
VIN
1-cell
battery
D2
USB Input
M2
C8
0.1uF
R6
50k
Figure 7— Typical Application Circuit for USB Input
Battery Charge Curve @ USB IN
0
0.2
0.4
0.6
0.8
1
1.2
0
20
40
60
80
100
120
140
VBAT
Maximum
Duty Operation
Constant Current
CV
Charge
CC
Charge
IBAT
TIME (MINUTES)
3
3.2
3.4
3.6
3.8
4
4.2
Figure 8— Battery Charge Curve @ USB In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com