Electronic Components Datasheet Search
  English  ▼

X  

MP2610ER Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2610ER
Description  2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2610ER Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2610ER Datasheet HTML 1Page - Monolithic Power Systems MP2610ER Datasheet HTML 2Page - Monolithic Power Systems MP2610ER Datasheet HTML 3Page - Monolithic Power Systems MP2610ER Datasheet HTML 4Page - Monolithic Power Systems MP2610ER Datasheet HTML 5Page - Monolithic Power Systems MP2610ER Datasheet HTML 6Page - Monolithic Power Systems MP2610ER Datasheet HTML 7Page - Monolithic Power Systems MP2610ER Datasheet HTML 8Page - Monolithic Power Systems MP2610ER Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP2610 – 2A, 24V INPUT, 1.1MHz 1-2CELL SWITCHING LI-ION BATTERY CHARGER
MP2610 Rev. 0.91
www.MonolithicPower.com
4
7/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 19V, TA = +25°C, CELLS=0V, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
EN =4V
0.16
mA
Supply Current (Shutdown)
EN =4V,
Consider
VREF33
pin output current.
R3=10k, RNTC=10k
0.32
mA
Supply Current (Quiescent)
EN =0V, CELLS=0V
2.0
mA
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.8
V
EN =4V
4
EN Input Current
EN =0V
0.2
μA
Thermal Shutdown
150
°C
VREF25 output voltage
2.5
V
VREF33 output voltage
3.3
V
VREF33 load regulation
ILOAD =0 to 10mA
30
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com