Electronic Components Datasheet Search
  English  ▼

X  

MP2610ER Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2610ER
Description  2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2610ER Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2610ER Datasheet HTML 6Page - Monolithic Power Systems MP2610ER Datasheet HTML 7Page - Monolithic Power Systems MP2610ER Datasheet HTML 8Page - Monolithic Power Systems MP2610ER Datasheet HTML 9Page - Monolithic Power Systems MP2610ER Datasheet HTML 10Page - Monolithic Power Systems MP2610ER Datasheet HTML 11Page - Monolithic Power Systems MP2610ER Datasheet HTML 12Page - Monolithic Power Systems MP2610ER Datasheet HTML 13Page - Monolithic Power Systems MP2610ER Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP2610 – 2A, 24V INPUT, 1.1MHz 1-2CELL SWITCHING LI-ION BATTERY CHARGER
MP2610 Rev. 0.91
www.MonolithicPower.com
10
7/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
0.1uF
C
30mins
T
TMR
TICKLE_TMR
×
=
The total charge time is:
0.1uF
C
3hours
T
TMR
TOTAL_TMR
×
=
Negative
Thermal
Coefficient
(NTC)
Thermistor
The MP2610 has a built-in NTC resistance
window comparator, which allows MP2610 to
sense the battery temperature via the thermistor
packed internally in the battery pack to ensure a
safe operating environment of the battery.
A resistor with appropriate value should be
connected from VREF33 to NTC pin and the
thermistor is connected from NTC pin to GND.
The voltage on NTC pin is determined by the
resistor divider whose divide ratio depends on
the battery temperature. When the voltage of pin
NTC falls out of NTC window range, MP2610 will
stop the charging. The charger will restart if the
temperature goes back into NTC window range.
Figure 3—Li-Ion Battery Charge Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com