Electronic Components Datasheet Search
  English  ▼

X  

MP2610ER Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2610ER
Description  2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2610ER Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2610ER Datasheet HTML 1Page - Monolithic Power Systems MP2610ER Datasheet HTML 2Page - Monolithic Power Systems MP2610ER Datasheet HTML 3Page - Monolithic Power Systems MP2610ER Datasheet HTML 4Page - Monolithic Power Systems MP2610ER Datasheet HTML 5Page - Monolithic Power Systems MP2610ER Datasheet HTML 6Page - Monolithic Power Systems MP2610ER Datasheet HTML 7Page - Monolithic Power Systems MP2610ER Datasheet HTML 8Page - Monolithic Power Systems MP2610ER Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2610
2A, 24V Input, 1.1MHz
1/2 - Cell Switching Li-Ion Battery Charger
MP2610 Rev. 0.91
www.MonolithicPower.com
1
7/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2610 is a monolithic switching charger
for 1 or 2 cells Li-Ion battery packs with a built-
in internal power MOSFET. It achieves up to 2A
charge current with current mode control for
fast loop response and easy compensation.
The charge current can be programmed by
sensing the current through an accurate sense
resistor.
MP2610 regulates the charge current and
charger voltage using two control loops to
realize high accuracy CC charge and CV
charge.
Fault condition protection includes cycle - by -
cycle current limiting and thermal shutdown.
Other safety features include battery temperature
monitoring,
charge
status
indication,
and
programmable timer to cease the charging cycle.
The MP2610 requires a minimum number of
readily available standard external components.
The MP2610 is available in 4mm×4mm 16-pin
QFN package.
FEATURES
• Charges 1/2 - cell Li-Ion battery packs
• Wide 5V to 24V Operating Input Range
• Up to 2A Programmable Charging Current
• ±0.75% VBATT Accuracy
• 0.2Ω Internal Power MOSFET Switch
• Up to 90% Efficiency
• Fixed 1.1MHz Frequency
• Preconditioning for Fully Depleted Batteries
• Charging Operation Indicator
• Input Supply and Battery Fault Indicator
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Battery Temperature Monitor and Protection
APPLICATIONS
• Distributed Power Systems
• Chargers for 1-Cell or 2-Cell Li-Ion Batteries
• Smart Phones
• Portable DVD Player
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Figure 1—Standalone Switching Charger


Similar Part No. - MP2610ER

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26101 MPS-MP26101 Datasheet
587Kb / 17P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
8/4/2020 Rev. 1.01
MP26101DR-LF-P MPS-MP26101DR-LF-P Datasheet
587Kb / 17P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
8/4/2020 Rev. 1.01
MP26101DR-LF-Z MPS-MP26101DR-LF-Z Datasheet
587Kb / 17P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
8/4/2020 Rev. 1.01
MP26101DR-P MPS-MP26101DR-P Datasheet
587Kb / 17P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
8/4/2020 Rev. 1.01
More results

Similar Description - MP2610ER

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2611 MPS-MP2611 Datasheet
751Kb / 22P
2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
MP2612 MPS-MP2612 Datasheet
588Kb / 20P
2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
MP2618 MPS-MP2618 Datasheet
616Kb / 19P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26123 MPS-MP26123 Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
Monolithic Power System...
MP2619 MPS-MP2619 Datasheet
502Kb / 20P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
MP26124 MPS-MP26124 Datasheet
565Kb / 18P
24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
Standalone 2-Cell Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com