Electronic Components Datasheet Search
  English  ▼

X  

MP2610ER Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2610ER
Description  2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2610ER Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2610ER Datasheet HTML 8Page - Monolithic Power Systems MP2610ER Datasheet HTML 9Page - Monolithic Power Systems MP2610ER Datasheet HTML 10Page - Monolithic Power Systems MP2610ER Datasheet HTML 11Page - Monolithic Power Systems MP2610ER Datasheet HTML 12Page - Monolithic Power Systems MP2610ER Datasheet HTML 13Page - Monolithic Power Systems MP2610ER Datasheet HTML 14Page - Monolithic Power Systems MP2610ER Datasheet HTML 15Page - Monolithic Power Systems MP2610ER Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MP2610 – 2A, 24V INPUT, 1.1MHz 1-2CELL SWITCHING LI-ION BATTERY CHARGER
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP2610 Rev. 0.91
www.MonolithicPower.com
16
7/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN16 (4mm x 4mm)
SIDE VIEW
TOP VIEW
1
16
13
12
9
85
4
BOTTOM VIEW
3.90
4.10
2.15
2.45
3.90
4.10
2.15
2.45
0.65
BSC
0.25
0.35
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
2.30
0.65
0.35
RECOMMENDED LAND PATTERN
3.80
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) JEDEC REFERENCE IS MO-220, VARIATION VGGC.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
PIN 1 ID OPTION A
0.45x45º TYP.
PIN 1 ID OPTION B
R0.25 TYP.
DETAIL A
PIN 1 ID
INDEX AREA
1.00
0.50
0.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com