Electronic Components Datasheet Search
  English  ▼

X  

MP2617GL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2617GL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617GL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2617GL Datasheet HTML 16Page - Monolithic Power Systems MP2617GL Datasheet HTML 17Page - Monolithic Power Systems MP2617GL Datasheet HTML 18Page - Monolithic Power Systems MP2617GL Datasheet HTML 19Page - Monolithic Power Systems MP2617GL Datasheet HTML 20Page - Monolithic Power Systems MP2617GL Datasheet HTML 21Page - Monolithic Power Systems MP2617GL Datasheet HTML 22Page - Monolithic Power Systems MP2617GL Datasheet HTML 23Page - Monolithic Power Systems MP2617GL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
MP2617 – SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2617 Rev. 1.03
www.MonolithicPower.com
20
8/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
When the timer out condition occurs, the MP2617
terminates the charge at once and CHGOK
_____________
blinks to indicate the fault status. If one of the
following events happens, the timer is refreshed
and MP2617 re-starts the charge cycle.
•
Input re-startup
•
Refresh EN
_____
/ISET signal
•
Auto-Recharge
NTC Thermistor
The NTC pin allows MP2617 to sense the battery
temperature
using
the
Negative
Thermal
Coefficient (NTC) thermistor usually available in
the battery pack to ensure safe operating
environment of the battery. A resistor with
appropriate value should be connected from VCC
to NTC and the NTC resistor is from NTC pin to
AGND. The voltage on NTC pin is determined by
the resistor divider whose divide ratio as the
different resistance of the NTC thermistor
depends on the ambient temperature of the
battery.
The MP2617 has an internal NTC voltage
comparator to set the upper and lower limit of the
divide ratio. If NTC pin voltage falls out of this
range it means the temperature is outside the
safe operating range,
As a result, The MP2617 will stop charging and
report it on indication pins. Charging will
automatically resume after the temperature falls
back into the safe range.
Thermal Protection
The MP2617 implements thermal protection to
prevent the thermal damage to the IC or
surrounding components. An internal thermal
sense and feedback loop will automatically
decrease the charge current when the die-
temperature rises to about 120oC. This function is
referred as charge current thermal fold-back.
This feature protects the MP2617 from excessive
temperature due to high power operation or high
ambient thermal conditions. Another benefit of
this feature is charge current can be set
according to the requirement rather than worst-
case conditions for a given application with the
assurance of safe operation. The MP2617 will
stop charging if the junction temperature rises
above 150oC as the IC enters thermal shutdown
protection.
Ideal Diode Mode
If the system current requirement increases over
the preset limit of the PWM converter, the
additional current will be drawn from the battery
via the BATT-to-SYS switch. To avoid very large
currents being drawn from the battery which
might affect the reliability of the device, the
MP2617 controls the charge switch to work at the
ideal diode mode regulating VSYS to VBATT-65mV
when VSYS is 40mV lower than VBATT is detected.
Only when VSYS is 40mV higher than VBATT, the
charger switch exits the ideal diode mode, and
the charge cycle softly restarts.
Battery Discharge Protection
When the input power is removed or invalid, the
system load will draw power from the battery via
the battery switch. Under this condition, the
battery switch is fully on to minimize the power
loss. The MP2617 integrates battery discharge
protection. If the battery discharge current is
larger than the discharge current limit threshold
IDIS (3.3A), the current will be regulated at the
preset limited value. And if the current increases
further, the SYS voltage starts to decrease.
When VSYS drops to about 800mV lower than
VBATT, SYS short condition is detected. Under this
condition, the discharge current is limited at
200mA. In the event of a short from system to
GND the discharge current from the battery to
the system is also limited to 200mA.
Furthermore, battery voltage UVLO is always
monitored. If the battery voltage is lower than the
battery UVLO threshold, the battery switch is
turned off immediately. This feature makes sure
the battery from over-discharged.
Dynamic Power Path Management (DPPM)
In the presence of a valid input source, the PWM
converter will supply the current to both the
system and the battery charger.
The voltage VSYS is regulated based on the value
of the battery voltage. When VBATT is higher than
3.4V, VSYS is regulated 200mv above VBATT to
charge the battery. When VBATT is lower than
3.4V, to ensure the system can still be powered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com