Electronic Components Datasheet Search
  English  ▼

X  

MP2617GL Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP2617GL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617GL Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP2617GL Datasheet HTML 21Page - Monolithic Power Systems MP2617GL Datasheet HTML 22Page - Monolithic Power Systems MP2617GL Datasheet HTML 23Page - Monolithic Power Systems MP2617GL Datasheet HTML 24Page - Monolithic Power Systems MP2617GL Datasheet HTML 25Page - Monolithic Power Systems MP2617GL Datasheet HTML 26Page - Monolithic Power Systems MP2617GL Datasheet HTML 27Page - Monolithic Power Systems MP2617GL Datasheet HTML 28Page - Monolithic Power Systems MP2617GL Datasheet HTML 29Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
MP2617 – SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2617 Rev. 1.03
www.MonolithicPower.com
25
8/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Input Current Limit
Connect a resistor from the ILIM pin to AGND
to program the input current limit for different
input ports. The relationship between the input
current limit and setting resistor is as following:
IN
ILIM
40000
I1.14
(mA)
R(k )
=×
Ω
(1)
Where RILIM is greater than 15.2kΩ, so that IILIM
is not over 3A.
For USB input, the input current limit is set by
the M0 and M1 logic, the setting resistor by
ILIM pin is invalid.
Setting the Charge Current
RISET connecting from the ISET pin to AGND
sets the charge current (ICHG). The relationship
between the charge current and setting resistor
is as following:
CHG
SET
1800
I1.15
(mA)
R(k )
=×
Ω
(2)
Assume ICHG=2A, thus: RISET=1.05kΩ.
Usually in USB mode, the charge current is
always set over the USB input limit specification.
Then the MP2617 regulates the input current
constant at the limitation value. Thus the real
CC charge current is not the setting value, it
varies with different input and battery voltages.
The maximum CC charge value can be
calculated as:
)
A
(
V
I
V
I
TC
ILIM
IN
MAX
_
CC
η
×
×
=
(3)
Where VTC is trickle charge threshold (3V) and η
is the current charge efficiency. Assume
VIN=5.5V, IILIM=1.5A, η=83%, thus ICC_MAX=2.28A.
Figure 7 shows a calculating charge current
curve by limiting the input current limit.
1A
2A
3A
3V
4.2V
Battery Voltage
I
IN_
LIM
=2A
II
N_LIM =1.5A
I
USB3.0=0.9A
I
US B2.0=0.45A
ICC_MAX
Figure 7—ICHG Variation with Different Input
Current Limit
Setting the Input Voltage Limit
The input clamp voltage is set using a resistive
voltage divider from the input voltage to VLIM
pin. The voltage divider divides the input
voltage down to the limit voltage by the ratio:
(V)
R2
+
R1
R2
×
V
=
V
IN_LIM
VLIM
(4)
Thus the input voltage is:
(V)
R2
R2
+
R1
×
V
=
V
VLIM
IN_LIM
(5)
The voltage clamp reference voltage VVLIM is
1.52V, and a typical value for R2 can be 10kΩ.
With this value, R1 can be determined by:
(V)
V
V
-
V
×
R2
=
R1
VLIM
VLIM
IN_LIM
(6)
For example, for a 4.65V input limit voltage, R2
is 10kΩ, and R1 is 20.6kΩ.
Setting the System Voltage
The system voltage can be regulated to any
value between 3.6V to 4.4V by the resistor
divider on SYSFB pin as R6 and R7 in Figure 9.
7
R
7
R
6
R
V
V
REF
_
SYS
SYS
+
×
=
(7)
Where VSYS_REF is 1.152V, the reference voltage
of SYS. With a typical value for R7, 10kΩ, R6
can be determined by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com