Electronic Components Datasheet Search
  English  ▼

X  

MP2633GR Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MP2633GR
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633GR Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MP2633GR Datasheet HTML 25Page - Monolithic Power Systems MP2633GR Datasheet HTML 26Page - Monolithic Power Systems MP2633GR Datasheet HTML 27Page - Monolithic Power Systems MP2633GR Datasheet HTML 28Page - Monolithic Power Systems MP2633GR Datasheet HTML 29Page - Monolithic Power Systems MP2633GR Datasheet HTML 30Page - Monolithic Power Systems MP2633GR Datasheet HTML 31Page - Monolithic Power Systems MP2633GR Datasheet HTML 32Page - Monolithic Power Systems MP2633GR Datasheet HTML 33Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
MP2633 – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP2633 Rev. 1.05
www.MonolithicPower.com
33
4/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN24 (4x4mm)
SIDE VIEW
TOP VIEW
1
24
19
18
13
12
7
6
BOTTOM VIEW
3.90
4.10
2.50
2.80
3.90
4.10
2.50
2.80
0.50
BSC
0.18
0.30
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
2.70
0.25
RECOMMENDED LAND PATTERN
3.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE0.10 MILLIMETER MAX.
4) DRAWING CONFIRMS TO JEDEC MO-220, VARIATION VGGD.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
PIN 1 ID OPTION A
0.30x45º TYP.
PIN 1 ID OPTION B
R0.25 TYP.
DETAIL A
PIN 1 ID
INDEX AREA
0.70
0.35
0.45
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com