Electronic Components Datasheet Search
  English  ▼

X  

MP2633GR Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2633GR
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633GR Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2633GR Datasheet HTML 2Page - Monolithic Power Systems MP2633GR Datasheet HTML 3Page - Monolithic Power Systems MP2633GR Datasheet HTML 4Page - Monolithic Power Systems MP2633GR Datasheet HTML 5Page - Monolithic Power Systems MP2633GR Datasheet HTML 6Page - Monolithic Power Systems MP2633GR Datasheet HTML 7Page - Monolithic Power Systems MP2633GR Datasheet HTML 8Page - Monolithic Power Systems MP2633GR Datasheet HTML 9Page - Monolithic Power Systems MP2633GR Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
MP2633 – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633 Rev. 1.05
www.MonolithicPower.com
6
4/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Protection
Trickle-Charge Time
CTMR=0.1µF, remains in TC
mode, ICHG= 1A
60
Min
Total Charge Time
CTMR=0.1µF, ICHG= 1A
360
Min
NTC Low Temp, Rising
Threshold
65%
66%
67%
NTC Low Temp, Rising
Threshold Hysteresis
RNTC=NCP18XH103(0°C)
1%
NTC High Temp, Rising
Threshold
34%
35%
36%
NTC High Temp, Rising
Threshold Hysteresis
RNTC=NCP18XH103(50°C)
1%
VSYS
Charging Current Fold-back
Threshold
(5)
Charge Mode
120
°C
Thermal Shutdown Threshold
(5)
150
°C
Notes:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com