Electronic Components Datasheet Search
  English  ▼

X  

MP2633GR Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2633GR
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633GR Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2633GR Datasheet HTML 3Page - Monolithic Power Systems MP2633GR Datasheet HTML 4Page - Monolithic Power Systems MP2633GR Datasheet HTML 5Page - Monolithic Power Systems MP2633GR Datasheet HTML 6Page - Monolithic Power Systems MP2633GR Datasheet HTML 7Page - Monolithic Power Systems MP2633GR Datasheet HTML 8Page - Monolithic Power Systems MP2633GR Datasheet HTML 9Page - Monolithic Power Systems MP2633GR Datasheet HTML 10Page - Monolithic Power Systems MP2633GR Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
MP2633 – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633 Rev. 1.05
www.MonolithicPower.com
7
4/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
CIN=CBATT=CSYS=C3=22µF, C1=C2=1µF, L1=4.7µH, RS1=50mΩ, C4=CTMR=0.1µF, Battery Simulator,
unless otherwise noted.
Charge Current vs.
Temeprature, Charge Mode
VIN=5V, VBATT_FULL=4.2V,
VBATT=3.7V, ICHG=1.5A
Switching Frequency vs.
Battery Voltage, Charge Mode
VIN=5V, VBATT_FULL=4.2V, ICHG=2A
BATTERY VOLTAGE (V)
INPUT VOLTAGE (V)
RSET (k)
Charge Current vs.
RISET,Charge Mode
VIN=5V, VBATT_FULL=4.2V,
VBATT=3.7V, FSW=1.2MHz
0
0.5
1
1.5
2
0
40
80
120
160
0
0.4
0.8
1.2
1.6
60
80
100
120
140
-3.00
-2.00
-1.00
0.00
1.00
4
4.5
5
5.5
6
0
200
400
600
800
1000
1200
0
0.5
1
1.5
2
2.5
1200k & 4.2V full
1200k & 3.6V full
BATTERY VOLTAGE (V)
VCC @ Boost Mode
INPUT VOLTAGE (V)
VCC @ Charge Mode
0
1
2
3
4
5
6
7
8
24
6
8
10
0
1
2
3
4
5
6
7
13
57
VCC=SYS
VCC=SYS
Input Current Limit Setting
(Iin_lim vs. RILIM)
0
0.5
1
1.5
2
2.5
3
0
50
100
Programmable Output
Current Limit
(OLIM vs. ROLIM)
BATT=4.2V
BOOST CURRENT LIMIT (A)
Programmable Output
Current Limit
vs. Battery Voltage
ROLIM=73.2k, SYS=5V
0
0.5
1.0
1.5
2.0
2.5
30
80
130
180
230
280
2.5
3.0
3.5
4.0
4.5
1.2 1.22
1.24
1.26
1.28
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com