Electronic Components Datasheet Search
  English  ▼

X  

MP2633GR Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2633GR
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633GR Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2633GR Datasheet HTML 4Page - Monolithic Power Systems MP2633GR Datasheet HTML 5Page - Monolithic Power Systems MP2633GR Datasheet HTML 6Page - Monolithic Power Systems MP2633GR Datasheet HTML 7Page - Monolithic Power Systems MP2633GR Datasheet HTML 8Page - Monolithic Power Systems MP2633GR Datasheet HTML 9Page - Monolithic Power Systems MP2633GR Datasheet HTML 10Page - Monolithic Power Systems MP2633GR Datasheet HTML 11Page - Monolithic Power Systems MP2633GR Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
MP2633 – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633 Rev. 1.05
www.MonolithicPower.com
8
4/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, CIN=CBATT=CSYS=C3=22µF, C1=C2=1µF, L1=2.2µH, RS1=50mΩ, C4=CTMR=0.1µF, Battery
Simulator, unless otherwise noted.
VIN
1V/div.
VBATT
1V/div.
CHGOK
2V/div.
ICHG
1A/div.
VIN
1V/div.
VBATT
100mV/div.
CHGOK
2V/div.
ICHG
1A/div.
VSW
2V/div.
VBATT
200mV/div.
CHGOK
5V/div.
IL
200mA/div.
VIN
1V/div.
VSW
2V/div.
VBATT
2V/div.
IL
500mA/div.
VIN
1V/div.
VSW
2V/div.
VBATT
2V/div.
IL
1A/div.
VIN
1V/div.
VSW
2V/div.
VBATT
2V/div.
IL
1A/div.
BATTERY VOLTAGE (V)
CHARGE CURRENT (A)
50
60
70
80
90
100
01234
5
80
85
90
95
100
0
0.5
1
1.5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com