Electronic Components Datasheet Search
  English  ▼

X  

MP2670 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2670
Description  Li-ion Battery Charger Protection Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2670 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2670 Datasheet HTML 1Page - Monolithic Power Systems MP2670 Datasheet HTML 2Page - Monolithic Power Systems MP2670 Datasheet HTML 3Page - Monolithic Power Systems MP2670 Datasheet HTML 4Page - Monolithic Power Systems MP2670 Datasheet HTML 5Page - Monolithic Power Systems MP2670 Datasheet HTML 6Page - Monolithic Power Systems MP2670 Datasheet HTML 7Page - Monolithic Power Systems MP2670 Datasheet HTML 8Page - Monolithic Power Systems MP2670 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP2670 – CHARGE SYSTEM PROTECTION CIRCUIT
MP2670 Rev. 0.91
www.MonolithicPower.com
3
5/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power-On Reset
Rising VIN Threshold
VPOR
2.45
3.0
V
POR Hysteresis
110
mV
When enabled
0.6
mA
VIN Bias Current
IVIN
When disabled
25
µA
Protection
Input Over-voltage Protection
(OVP)
VOVP
5.55
5.80
6.0
V
Input OVP Hysteresis
50
mV
Input OVP Falling Threshold
5.45
V
Input OVP Propagation Delay
1
µs
Over-current Protection
IOCP
VVB = 3V, RILIM = 25kΩ
0.90
1.0
1.10
A
Overcurrent Protection Blanking
Time
BTOCP
170
µs
Battery Over-voltage Protection
Threshold
VBOVP
4.29
4.475
V
Battery OVP Threshold
Hysteresis
75
mV
Battery OVP Falling Threshold
4.225
V
Battery OVP Blanking Time
BTBOVP
180
µs
VB Pin Leakage Current
VVB = 4.4V
20
nA
Over Temperature Protection
Rising Threshold
150
°C
Over Temperature Protection
Falling Threshold
110
°C
Logic
EN
Input Logic HIGH
1.5
V
EN
Input Logic LOW
0.4
V
EN Internal Series Resistor
100
200
400
kΩ
FLT Output Logic Low
Sink 5mA current
0.5
0.8
V
FLT Output Logic High Leakage
Current
1
µA
Power MOSFET
On Resistance
RDS(ON)
Measured at 500mA,
4.3<VIN<5.5V
250
450
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com