Electronic Components Datasheet Search
  English  ▼

X  

MP2670 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2670
Description  Li-ion Battery Charger Protection Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2670 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2670 Datasheet HTML 1Page - Monolithic Power Systems MP2670 Datasheet HTML 2Page - Monolithic Power Systems MP2670 Datasheet HTML 3Page - Monolithic Power Systems MP2670 Datasheet HTML 4Page - Monolithic Power Systems MP2670 Datasheet HTML 5Page - Monolithic Power Systems MP2670 Datasheet HTML 6Page - Monolithic Power Systems MP2670 Datasheet HTML 7Page - Monolithic Power Systems MP2670 Datasheet HTML 8Page - Monolithic Power Systems MP2670 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2670 – CHARGE SYSTEM PROTECTION CIRCUIT
MP2670 Rev. 0.91
www.MonolithicPower.com
4
5/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
10-pin
QFN
Name
Description
1
VIN
Input Power Source. VIN can withstand 30V input.
2
GND,
Exposed Pad
System Ground. Exposed pad and GND pin must be connected to the same ground
plane.
3
FLT
Open-Drain Logic Output. This pin turns LOW when any protection event occurs.
4
NC
No Connect. Keep it floating.
5
NC
No Connect. Keep it floating.
6
EN
Enable. Leave this pin floating or pull it below 0.4V to enable the IC. Drive this pin
higher than 1.5V to disable the IC.
7
VB
Battery Voltage Monitoring Input. Connect this pin to the battery pack positive
terminal via an isolation resistor.
8
ILIM
Over-current Protection Threshold Setting. Connect a resistor between this pin and
GND to set the OCP threshold.
9
OUT
Output pin
10
OUT
Output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com