Electronic Components Datasheet Search
  English  ▼

X  

MP2670 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2670
Description  Li-ion Battery Charger Protection Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2670 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2670 Datasheet HTML 4Page - Monolithic Power Systems MP2670 Datasheet HTML 5Page - Monolithic Power Systems MP2670 Datasheet HTML 6Page - Monolithic Power Systems MP2670 Datasheet HTML 7Page - Monolithic Power Systems MP2670 Datasheet HTML 8Page - Monolithic Power Systems MP2670 Datasheet HTML 9Page - Monolithic Power Systems MP2670 Datasheet HTML 10Page - Monolithic Power Systems MP2670 Datasheet HTML 11Page - Monolithic Power Systems MP2670 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP2670 – CHARGE SYSTEM PROTECTION CIRCUIT
MP2670 Rev. 0.91
www.MonolithicPower.com
11
5/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
For safe and effective charging, some strict
requirements have to be satisfied during
charging Li-Ion batteries such as high precise
power source for charging (4.2V±50mV), the
accuracy should be higher than 1%. For highly
used capacity, the voltage of the battery should
be charged to the value (4.2V) as possible as
could. Otherwise, the performance and the life
of the battery suffers overcharge. Additionally,
the pre-charge for depleted batteries, charging
voltage, charging current, as well as the
temperature detection and protection, are
required for linear battery chargers. The output
of most MPS linear charger has a typical I-V
curve and provides overcharge, input over
voltage, over temperature protection. The
function of the MP2670 is to add a redundant
protection layer such that, under any fault
condition, the charging system output does not
exceed the I-V limits that the battery required.
Additionally, MP2670 provides full protection for
these chargers whose protection function is not
so complete especially those without input
surge voltage sustain. MP2670 guarantees the
safety of the charge system with its perfect 4
protection functions: OVP, BOVP, OCP and
OTP
The MP2670 is a simple device that requires
few external components, in addition to the
linear charger circuit as shown in the Typical
Application Circuit. The selection of MP2670’s
external components is shown as follow, and
the selection of the current limit resistor RILIM
has been introduced in the Over-current
Protection section.
CIN and COUT Selection
The input capacitor (CIN) is for decoupling.
Higher value of CIN reduces the voltage drop or
the over shoot during transients. The AC
adapter is inserted live (hot insertion) and
sudden step down of the current in the power
FET will cause the input voltage overshoot.
During an input OVP, the FET is turned off in
less than 1µs and can lead to significant over
shoot. Higher capacitance of CIN reduces this
type of over shoot. However, the over shoot
caused by a hot insertion is not very dependent
on the decoupling capacitance value. Usually,
the input decoupling capacitor is recommended
to use a dielectric ceramic capacitor with a
value between 1µF to 4.7µF.
The output of the MP2670 and the input of the
charging circuit typically share one decoupling
capacitor. The selection of that capacitor is
mainly determined by the requirement of the
charging circuit. When using the MP2602 family
chargers, a 1µF to 4.7uF ceramic capacitor is
recommended.
RVB Selection
RVB limits the current from the VB pin to the
battery terminal in case the MP2670 fails. The
recommended value is between 200kΩ to 1MΩ.
With 200kΩ resistance, during the failure
operation, assuming the VB pin voltage is 30V
and the battery voltage is 4.2V. The worst case
the current flowing from the VB pin to the
charger output is,
(30V - 4.2V)/200kΩ = 130µA,
Such small current can be easily absorbed by
the
bias
current
of
other
components.
Increasing the RVB value reduces the worst
case current, but at the same time increases
the error for the 4.4V battery OVP threshold.
As the typical VB pin leakage current is 20nA,
the error of the battery OVP threshold can be
calculated as 4.4V+20nAxRVB. With the 200kΩ
resistor, the worst-case additional error is 4mV
and with a 1MΩ resistor, the worst-case
additional error is 20mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com