Electronic Components Datasheet Search
  English  ▼

X  

MP2910ES Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2910ES
Description  Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2910ES Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2910ES Datasheet HTML 1Page - Monolithic Power Systems MP2910ES Datasheet HTML 2Page - Monolithic Power Systems MP2910ES Datasheet HTML 3Page - Monolithic Power Systems MP2910ES Datasheet HTML 4Page - Monolithic Power Systems MP2910ES Datasheet HTML 5Page - Monolithic Power Systems MP2910ES Datasheet HTML 6Page - Monolithic Power Systems MP2910ES Datasheet HTML 7Page - Monolithic Power Systems MP2910ES Datasheet HTML 8Page - Monolithic Power Systems MP2910ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP2910 – 5V/12V SYNCHRONOUS BUCK PWM DC-DC AND LINEAR POWER CONTROLLER
MP2910 Rev. 1.0
www.MonolithicPower.com
3
12/14/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP2910ES*
SOIC14
MP2910ES
–20
C to +85C
MP2910EN**
SOIC8E
MP2910EN
* For Tape & Reel, add suffix –Z (e.g. MP2910ES–Z);
For RoHS, compliant packaging, add suffix –LF (e.g. MP MP2910ES–LF–Z).
** For Tape & Reel, add suffix –Z (e.g. MP2910EN–Z);
For RoHS, compliant packaging, add suffix –LF (e.g. MP MP2910EN–LF–Z).
PACKAGE REFERENCE
SOIC14
SOIC8E
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VCC ...................................... 16V
BST, VBST-VSW.............................................. 16V
SW to GND
DC………………………………………...-5 to 15V
<200nS………………………………….-10 to 30V
HG…………………………VSW-0.3V to VBsT+0.3V
LG……………………………..-0.3V to VCC+0.3V
All Other Pins.................................–0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
SOIC14 ...................................................... 1.5W
SOIC8E...................................................... 2.6W
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature.............. –65
C to +150C
Recommended Operating Conditions
(3)
Supply Voltage VCC ................5V±5%,12±10%
Operating Junct. Temp (TJ)..... –20C to +125C
Ambient Temperature range..... –20
C to +85C
Thermal Resistance
(4)
θJA
θJC
SOIC8E...................................48 ...... 10 ...
C/W
SOIC14 ...................................86 ...... 38 ...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of
the maximum junction temperature TJ(MAX), the junction-to-
ambient
thermal
resistance
θJA,
and
the
ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by
PD(MAX)=(TJ(MAX)-TA)/
θJA. Exceeding the maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com