Electronic Components Datasheet Search
  English  ▼

X  

MP2910ES Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2910ES
Description  Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2910ES Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2910ES Datasheet HTML 7Page - Monolithic Power Systems MP2910ES Datasheet HTML 8Page - Monolithic Power Systems MP2910ES Datasheet HTML 9Page - Monolithic Power Systems MP2910ES Datasheet HTML 10Page - Monolithic Power Systems MP2910ES Datasheet HTML 11Page - Monolithic Power Systems MP2910ES Datasheet HTML 12Page - Monolithic Power Systems MP2910ES Datasheet HTML 13Page - Monolithic Power Systems MP2910ES Datasheet HTML 14Page - Monolithic Power Systems MP2910ES Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP2910 – 5V/12V SYNCHRONOUS BUCK PWM DC-DC AND LINEAR POWER CONTROLLER
MP2910 Rev. 1.0
www.MonolithicPower.com
11
12/14/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The over current trip point is very sensitive to
external parasitic capacitance because the OPS
pin function is similar to RC charging/discharging
circuit.
When OCP is trigged, a hiccup restart sequence
will be initialized and only 4 times of trigger are
allowed to latch off (Refer to OCP waveforms as
shown in Typical Performance Characteristics).
VIN_POR (VIN Power On Reset)
Before VIN is ready, the HG pin will continuously
generate a 10kHz clock with 1% duty cycle. VIN is
recognized ready by sensing the voltage of OPS
pin crossing 1.5V four times (rising & falling).
ROCSET must be lower than 39.5kΩ, otherwise, an
internal 38μA current source flowing through
ROCSET will keep the voltage of OPS pin always
higher than 1.5V. If so, the VIN_POR function will
be disabled. It is highly recommended that ROCSET
be lower than 30kΩ.
Shutdown
Connect a small transistor from the OPS pin to
ground,
then
enabling
the
transistor
can
shutdown the MP2910 as shown in typical
application circuit.
UVP (Under Voltage Protection)
To protect against UV, the voltage of FB and FBL
pins is monitored in MP2910. The UV threshold
typical value is 82.5% of the FB or FBL rated
value. Once UVP_FBL is trigged, a hiccup restart
sequence will be initialized and only 4 times of
trigger are allowed to latch off. During soft-start
interval hiccup is disabled. UVP_FB has some
difference from OCP and UVP_FBL, it will always
trigger VIN Power sensing even after 4 times
hiccup. So the controller will restart when the
voltage of FB pin recovers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com