Electronic Components Datasheet Search
  English  ▼

X  

MP2910ES Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2910ES
Description  Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2910ES Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2910ES Datasheet HTML 7Page - Monolithic Power Systems MP2910ES Datasheet HTML 8Page - Monolithic Power Systems MP2910ES Datasheet HTML 9Page - Monolithic Power Systems MP2910ES Datasheet HTML 10Page - Monolithic Power Systems MP2910ES Datasheet HTML 11Page - Monolithic Power Systems MP2910ES Datasheet HTML 12Page - Monolithic Power Systems MP2910ES Datasheet HTML 13Page - Monolithic Power Systems MP2910ES Datasheet HTML 14Page - Monolithic Power Systems MP2910ES Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP2910 – 5V/12V SYNCHRONOUS BUCK PWM DC-DC AND LINEAR POWER CONTROLLER
MP2910 Rev. 1.0
www.MonolithicPower.com
12
12/14/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The output voltage is set by using a resistive
voltage divider from the output voltage to FB pin.
First, choose a value for the feedback resistor R6,
e.g. 10kΩ, and then R5 is determined as follows:
OUT
REF
56
REF
V-V
R=
R
V
Selecting the Inductor
An inductor with a DC current rating of at least
25% higher than the maximum load current is
recommended for most applications. A larger
value inductor will result in less ripple current and
lower output ripple voltage. However, the larger
value inductor has a larger physical size, higher
series resistance, and/or lower saturation current.
Generally, choose the inductor ripple current
approximately 30% of the maximum load current,
then the inductance value can be calculated by:
OUT
IN
OUT
IN
L
S
V(V - V
)
L
V
ΔIf

where VOUT is the output voltage, VIN is the input
voltage, fS is the 300KHz switching frequency,
and
L
ΔI
is the peak-to-peak inductor ripple
current.
The maximum inductor peak current is:
L
L(MAX)
LOAD
ΔI
I=I
+
2
where ILOAD is the load current.
Input Capacitor Selection
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current rating. The selection of input capacitor is
mainly based on its maximum ripple current
capability. The RMS value of ripple current
flowing through the input capacitor is described
as:
OUT
OUT
RMS
LOAD
IN
IN
VV
I=I
(1-
)
VV
The worst-case condition occurs at VIN=2VOUT,
where IRMS=ILOAD/2. So, the input capacitor you
selected must be capable of handling this ripple
current.
Output Capacitor Selection
The output capacitor keeps output voltage ripple
small and ensures regulation loop stability. The
output capacitor impedance should be low at the
switching frequency. The output voltage ripple
can be estimated by:
OUT
OUT
OUT
ESR
SIN
S
O
VV
1
ΔV1
R
fL
V
8 f
C


 


 
 
where CO is the output capacitance value and
RESR is the equivalent series resistance (ESR)
value of the output capacitor.
For tantalum or electrolytic capacitor application,
the ESR dominates the impedance at the
switching frequency. So the above formula can
be approximated as:
OUT
OUT
OUT
ESR
SIN
VV
ΔV1
R
fL
V

 


PCB Layout Guide
PCB layout is very important to achieve stable
operation.
A
multi-layer
PCB
is
highly
recommended. The high current paths (GND, VIN
and SW) should be placed very close to the
device with short, direct and wide traces. A RC
low pass filter is recommended for VCC supply.
The VCC decoupling capacitor must be placed as
close to VCC pin and GND pin as possible. The
external feedback resistors should be placed
next to the FB and FBL pins.
Below PCB layout files are our test board for your
reference:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com