Electronic Components Datasheet Search
  English  ▼

X  

MP2910ES Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2910ES
Description  Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2910ES Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2910ES Datasheet HTML 1Page - Monolithic Power Systems MP2910ES Datasheet HTML 2Page - Monolithic Power Systems MP2910ES Datasheet HTML 3Page - Monolithic Power Systems MP2910ES Datasheet HTML 4Page - Monolithic Power Systems MP2910ES Datasheet HTML 5Page - Monolithic Power Systems MP2910ES Datasheet HTML 6Page - Monolithic Power Systems MP2910ES Datasheet HTML 7Page - Monolithic Power Systems MP2910ES Datasheet HTML 8Page - Monolithic Power Systems MP2910ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP2910
Synchronous Buck PWM DC-DC
and Linear Power Controller
MP2910 Rev. 1.0
www.MonolithicPower.com
1
12/14/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2910 is a dual output with one
synchronous buck PWM and one linear
controller. The part is used to generate logic-
supply voltages for PC based systems. MP2910
includes
internal
soft-start,
frequency-
compensation networks, power good signaling
with specific sequence, and it comes all of the
logic
control,
output
adjustment,
power
monitoring and protection functions into a small
footprint package. The part is operated at fixed
300 kHz frequency providing an optimum
compromise
between
efficiency,
external
component size, and cost. The linear controller
is implemented to drive an external MOSFET
for regulation and it's adjustable by setting
external resistors. Moreover the specific internal
PG sequence and indicator is also implemented
to conform to Intel® new platform requirement
on FSB_VTT power plane. An adjustable over-
current protection (OCP) is proposed to monitor
the voltage drop across the RDS(ON) of the lower
MOSFET for synchronous buck PWM DC-DC
controller.
FEATURES
 Operating with 5V or 12V Supply Voltage
 Drives ALL Low Cost N-Channel MOSFETs
 Voltage Mode PWM Control
 300kHz Fixed Frequency Oscillator
 Fast Transient Response:
High speed GM Amplifier
Full 0 to 100% Duty Ratio
 Internal Soft-Start
 Adaptive Non-Overlapping Gate Driver
 Over-Current Fault Monitor on MOSFET, No
Current Sense Resistor Required
 Specific Power Good Indicator for Intel®
Grantsdale FSB_VTT Power Sequence
 Available in a SOIC-14 Package and a
SOIC8E
Package.
APPLICATIONS
 Graphic Card
 Motherboard, Desktop Servers
 IA Equipments
 Telecomm Equipments
 High Power DC-DC Regulators
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP2910ES

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2910ES MPS-MP2910ES Datasheet
348Kb / 5P
5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
More results

Similar Description - MP2910ES

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6521 INTERSIL-ISL6521 Datasheet
639Kb / 13P
PWM Buck DC-DC and Triple Linear Power Controller
February 8, 2005
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205 RICHTEK-RT9205_07 Datasheet
215Kb / 15P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com