Electronic Components Datasheet Search
  English  ▼

X  

MP3308DL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3308DL
Description  Step-up White LED Driver with Dual PWM Dimming Input Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3308DL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3308DL Datasheet HTML 1Page - Monolithic Power Systems MP3308DL Datasheet HTML 2Page - Monolithic Power Systems MP3308DL Datasheet HTML 3Page - Monolithic Power Systems MP3308DL Datasheet HTML 4Page - Monolithic Power Systems MP3308DL Datasheet HTML 5Page - Monolithic Power Systems MP3308DL Datasheet HTML 6Page - Monolithic Power Systems MP3308DL Datasheet HTML 7Page - Monolithic Power Systems MP3308DL Datasheet HTML 8Page - Monolithic Power Systems MP3308DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP3308 – STEP-UP WHITE LED DRIVER WITH DUAL PWM DIMMING INPUT CONTROL
MP3308 Rev. 1.02
www.MonolithicPower.com
4
7/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
Power Switch Output. Drain of the internal MOSFET switch. Connect to the power
inductor and the output rectifier. SW can swing between GND and 40V.
2
PGND,
Exposed Pad
Power Ground. Connect exposed pad to GND plane for proper thermal performance.
3
IN
Input Supply Pin. Locally bypassed.
4
PWMIA
PWM Input A. Apply one PWM signal on this pin for brightness control. This signal is
uniform and filtered at PWMOA pin.
5
PWMIB
PWM Input B. Apply the other PWM signal on this pin for brightness control. This signal
is uniform and filtered at PWMOB pin.
6
EN
ON/OFF Control. Hold EN pin low to turn off part, high to turn of part.
7
FSET
PWM Dimming Frequency Programmer. Connect a capacitor from this pin to GND to set
the PWM-dimming frequency as the formula, FPWM(Hz) = 16176 / CFSET(nF)
8
PWMOB
PWM Filtered Output B. Connect a capacitor from this pin to GND.
9
PWMOA
PWM Filtered Output A. Connect a capacitor from this pin to GND.
10,14
GND
Ground.
11
OVP
Over-Voltage Protection. Connect a resistor divider from output to this pin to adjust the
OVP threshold. When this pin voltage reaches the shutdown threshold 0.9V, the switch
turns off.
12
LED
LED Current Input. Open-drain output of an internal dimming control switch. Connect the
LED cathode to this pin.
13
ISET
LED Current Set. This pin is the source output of an internal dimming control switch. The
MP3308 regulates the voltage across the current setting resistor. Tie a current-setting
resistor from this pin to ground. Regulates the voltage to 200mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com