Electronic Components Datasheet Search
  English  ▼

X  

MP3308DL Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3308DL
Description  Step-up White LED Driver with Dual PWM Dimming Input Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3308DL Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3308DL Datasheet HTML 5Page - Monolithic Power Systems MP3308DL Datasheet HTML 6Page - Monolithic Power Systems MP3308DL Datasheet HTML 7Page - Monolithic Power Systems MP3308DL Datasheet HTML 8Page - Monolithic Power Systems MP3308DL Datasheet HTML 9Page - Monolithic Power Systems MP3308DL Datasheet HTML 10Page - Monolithic Power Systems MP3308DL Datasheet HTML 11Page - Monolithic Power Systems MP3308DL Datasheet HTML 12Page - Monolithic Power Systems MP3308DL Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP3308 – STEP-UP WHITE LED DRIVER WITH DUAL PWM DIMMING INPUT CONTROL
MP3308 Rev. 1.02
www.MonolithicPower.com
11
7/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Selecting the Inductor
The inductor forces a higher output voltage
driven from a lower input voltage. A larger
inductor value results in less ripple current, a
lower peak inductor current, and reduces stress
on the internal N-Channel MOSFET. However,
larger-value inductor has a larger physical
footprint, higher series resistance, and lower
saturation current.
Choose an inductor that does not saturate under
the worst-case load conditions. Calculate the
required inductance value using the following
equations:
2
OUT
SW
LOAD
η V
D (1 D)
L
2
f
I
××
× −
≥
××
IN
OUT
V
D1
V
=−
Where VIN and VOUT are the input and output
voltages, fSW is the switching frequency, ILOAD is
the LED load current, and η is the efficiency.
Over-Voltage Protection
Open Load protection will shut off the MP3308 if
the
output
voltage
reaches
over-voltage
protection (OVP) threshold. LED failures will
result in the feedback voltage falling to zero,
which will cause the part to run at maximum duty
cycle and boost the output voltage. If the output
voltage exceeds the adjusted OVP threshold:
+
OV
R2
V=0.9V(1
)
R3
,
The MP3308 will shut down and will not remain
off until the power cycles.
Layout Considerations
Layout requires special consideration to avoid
electromagnetic interference from the high-
frequency switching path. The high-frequency
ripper current in the loop from the SW pin,
through the output diode, and output capacitor to
GND requires a connection loop that is as short
as possible.
The IN pin must be locally bypassed, with a
highly-recommended RC filter to eliminate noise.
See Figure 3 for an example of this circuit.
VIN
C1 C2
L1
B0530
D1
0.1
C4
100
R5
JP1
Bias
PGND
2
LED
12
SW
1
ISET
13
IN
3
GND
14
U1 MP3308
Figure 3—Input Bias Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com