Electronic Components Datasheet Search
  English  ▼

X  

MP3308DL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3308DL
Description  Step-up White LED Driver with Dual PWM Dimming Input Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3308DL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3308DL Datasheet HTML 5Page - Monolithic Power Systems MP3308DL Datasheet HTML 6Page - Monolithic Power Systems MP3308DL Datasheet HTML 7Page - Monolithic Power Systems MP3308DL Datasheet HTML 8Page - Monolithic Power Systems MP3308DL Datasheet HTML 9Page - Monolithic Power Systems MP3308DL Datasheet HTML 10Page - Monolithic Power Systems MP3308DL Datasheet HTML 11Page - Monolithic Power Systems MP3308DL Datasheet HTML 12Page - Monolithic Power Systems MP3308DL Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP3308 – STEP-UP WHITE LED DRIVER WITH DUAL PWM DIMMING INPUT CONTROL
MP3308 Rev. 1.02
www.MonolithicPower.com
10
7/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
VIN
EN
PWMB
C1 C2
L1
B0530
D1
C3
160k
R3
10k
R4
NS
C6
LED+
LED-
NC
C5
100k
R11
0.1
C4
100
R5
JP1
1
R1
NS
R2
68nF
C8
68nF
C9
10nF
C7
100k
R10
100k
R9
PWMA
Bias
10k
R6
10k
R7
10k
R8
PWMOB
8
PGND
2
LED
12
FSET
7
PWMIA
4
SW
1
GND
10
ISET
13
IN
3
EN
6
GND
14
OVP
11
PWMOA
9
PWMIB
5
U1 MP3308
33nF
C10
Figure 2—Typical Application Driving 9 Strings of 3 WLEDs
Figure 2 shows a typical application circuit that
can drive up to nine strings of three white LEDs
with an output of 9V/180mA. A 4.7µF output
capacitor is sufficient for most applications. A
3.3µH inductor with low DC inductor resistance
(DCR) will improve efficiency. Two 4.7μF ceramic
capacitors provide sufficient input decoupling.
Use Schottky diodes with fast recovery for high
frequencies, and rated for a 500mA peak
inductor current. An internal soft-start limits IIN at
startup and IOUT overshoot.
The ramped voltage added to the current sense
amplifier reduces the maximum output current as
the duty cycle increases. As more LEDs are
added, the output voltage rises but the maximum
current delivered to the load falls as well.
Setting the LED Current
The resistor R1 sets the LED current, where the
current value is given by:
LED
200mV
I
R1
=
Table 1 pairs resistor values with an LED current.
Table 1—ILED vs. R1
ILED (mA)
R1 (Ω)
1
200
5
40
10
20
20
10
60
3.33
180
1.11
200
1
PWM Dimming
PWM dimming requires the application of square
waves to both the PWMIA and the PWMIB pins.
A capacitor on the FSET pin sets the PWM
dimming frequency according to the equation:
FPWM(Hz) = 16176 / CFSET(nF),
For CFSET=10nF, the FPWM is set to 1.6kHz.
The recommended FPWM range is 50Hz to 50kHz.
The minimum recommended amplitude of the
PWM signal is 2V.
External capacitors on both PWMOA and
PWMOB, together with internal 100kΩ resistors
filter the square waveform to provide a DC value.
The time constant should be ten times greater
than a PWM waveform cycle:
PWM
RC 10 T
>⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com