Electronic Components Datasheet Search
  English  ▼

X  

MP3308DL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3308DL
Description  Step-up White LED Driver with Dual PWM Dimming Input Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3308DL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3308DL Datasheet HTML 1Page - Monolithic Power Systems MP3308DL Datasheet HTML 2Page - Monolithic Power Systems MP3308DL Datasheet HTML 3Page - Monolithic Power Systems MP3308DL Datasheet HTML 4Page - Monolithic Power Systems MP3308DL Datasheet HTML 5Page - Monolithic Power Systems MP3308DL Datasheet HTML 6Page - Monolithic Power Systems MP3308DL Datasheet HTML 7Page - Monolithic Power Systems MP3308DL Datasheet HTML 8Page - Monolithic Power Systems MP3308DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP3308
Step-up White LED Driver
with Dual PWM Dimming Input Control
MP3308 Rev. 1.02
www.MonolithicPower.com
1
7/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3308 is a monolithic step-up converter
designed to drive arrays of white LEDs from a
3.3V input or a single-cell lithium-ion battery.
The MP3308 uses fixed-frequency current-
mode architecture to regulate the LED current,
which is measured through an external current
sense resistor. Its low 200mV feedback voltage
reduces power loss and improves efficiency.
The MP3308 features dual PWM-dimming input
control and true PWM dimming—this control
allows for a wide luminescent range that makes
the display readable under a variety of ambient
light conditions with minimal PWM dimming
noise.
The MP3308 includes over-voltage protection,
short-circuit protection, under-voltage lockout,
current limiting, and thermal overload protection.
The MP3308 is available in small 3mmx4mm
14-pin QFN package.
FEATURES
• Internal Power MOSFET
• Drives Up to 10 White LEDs in Series
• 2.2MHz Fixed Switching Frequency
• Up to 88% Efficiency
• Dual PWM-Dimming Input Control
• Internal 1.3A Current Limit
• ±3% True PWM Dimming Duty Accuracy
• Adjustable Over-Voltage Protection
Threshold
• Low 200mV Feedback Voltage
• Under-Voltage Lockout, Short-Circuit
Protection, Thermal Shutdown
• Available in 3mmx4mm QFN14 Package
APPLICATIONS
• Small LCD Panels
• Digital Picture Frames
• Smartphones
• Portable Media Players
• Digital Cameras
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
MP3308
ISET
LED
EN
PWMOA
GND
PWMIA
OVP
Enable
LD
CIN
RISET
CFSET
IN
COUT
COA
SW
ROVP1
ROVP2
PWMIB
PWMOB
FSET
COB
VOUT


Similar Part No. - MP3308DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3308DL MPS-MP3308DL Datasheet
152Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3308DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
SG Micro Corp
SGM3720 SGMICRO-SGM3720 Datasheet
319Kb / 12P
PWM Dimming, 38V Step-Up LED Driver
SGM3732 SGMICRO-SGM3732 Datasheet
373Kb / 13P
PWM Dimming, 38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736 Datasheet
326Kb / 12P
PWM Dimming, 38V Step-Up LED Driver
logo
Monolithic Power System...
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
SG Micro Corp
SGM3720 SGMICRO-SGM3720_16 Datasheet
1Mb / 11P
PWM Dimming, 38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736_15 Datasheet
691Kb / 11P
PWM Dimming, 38V Step-Up LED Driver
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com