Electronic Components Datasheet Search
  English  ▼

X  

MP3430 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3430
Description  90V Step-Up Converter with APD Current Monitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3430 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3430 Datasheet HTML 1Page - Monolithic Power Systems MP3430 Datasheet HTML 2Page - Monolithic Power Systems MP3430 Datasheet HTML 3Page - Monolithic Power Systems MP3430 Datasheet HTML 4Page - Monolithic Power Systems MP3430 Datasheet HTML 5Page - Monolithic Power Systems MP3430 Datasheet HTML 6Page - Monolithic Power Systems MP3430 Datasheet HTML 7Page - Monolithic Power Systems MP3430 Datasheet HTML 8Page - Monolithic Power Systems MP3430 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP3430 — 90V STEP-UP CONVERTER WITH APD CURRENT MONITOR
MP3430 Rev 1.11
www.MonolithicPower.com
2
4/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
**
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP3430GQ
QFN16 (3x3mm)
ACBY
MP3430HQ
QFN16 (3x3mm)
ACBY
* For Tape & Reel, add suffix –Z (e.g. MP3430GQ–Z).
For Tape & Reel, add suffix –Z (e.g. MP3430HQ–Z).
For RoHS Compliant Packaging, add suffix –LF (e.g. MP3430HQ–LF–Z)
**MPS is offering two different order codes, for this device we recommend
MP3430HQ for our customers, both devices completely meet specifications
PACKAGE REFERENCE
EP
12
3
4
12
11
10
9
13
14
15
16
8
7
6
5
FB
NC
MON2
AGND
MONIN
SW
SW
PGND
TOP VIEW
QFN16 (3x3mm)
ABSOLUTE MAXIMUM RATINGS (1)
Input Voltage................................. -0.3V to 6.5V
MONIN, SW, APD Voltage........... -0.3V to 100V
EN, FB, RLIM................................ -0.3V to 6.5V
MON1, MON2 ................................ -0.3V to4.5V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....2.1W
Recommended Operating Conditions
(3)
Input Voltage.................................. 2.7V to 5.5V
MON1, MON2 ............................................ 2.2V
MONIN, SW, APD Voltage.............. 2.7V to 90V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN16 (3x3mm) .....................60 ...... 12 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com