Electronic Components Datasheet Search
  English  ▼

X  

MP3430 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3430
Description  90V Step-Up Converter with APD Current Monitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3430 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3430 Datasheet HTML 7Page - Monolithic Power Systems MP3430 Datasheet HTML 8Page - Monolithic Power Systems MP3430 Datasheet HTML 9Page - Monolithic Power Systems MP3430 Datasheet HTML 10Page - Monolithic Power Systems MP3430 Datasheet HTML 11Page - Monolithic Power Systems MP3430 Datasheet HTML 12Page - Monolithic Power Systems MP3430 Datasheet HTML 13Page - Monolithic Power Systems MP3430 Datasheet HTML 14Page - Monolithic Power Systems MP3430 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP3430 — 90V STEP-UP CONVERTER WITH APD CURRENT MONITOR
MP3430 Rev 1.11
www.MonolithicPower.com
11
4/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
D3×tS: the L current reverses due to
energy in the SW MOSFET capacitor followed by
LC ringing.
There is a “reverse current” – current going from
the SW node back into VIN – during D3.
VSW
Negative Going
Inductor Current
Due to the applied high-output voltage on the
switch node combined with the CDS capacitive
coupling of the MP3430 FET, a significant
reverse current flows through the inductor during
the D3 period.
The energy stored in CDS transfers to the inductor.
This negative inductor current turns the FET
body diode on. VIN (combined with the negative
voltage applied by the conducting body diode to
the SW node) causes the inductor current to
ramp up from the maximum negative going
current to about 60% of that magnitude in the
positive direction—where the positive current
goes from VIN to the SW node, and the negative
current feeds back into VIN through the inductor.
Ringing current occurs after the current turns off
the body diode. D3 is always greater than the
time for the current to turn off the FET body diode
and to start ringing. Determine D3 as per the
following equations:
MAX, REVERSE
OUT
40pF
IV
L

MAX,REVERSE
Re verseCurrent
IN,MIN
1.6 L I
t
V1

2
OUT
1
IN
2V
K
D2.2
1
1
4V








1IN
2
OUT
IN
DV
D
VV
31
2
D1 D D
 
S
3
Re verseCurrent
Dt
t
 
Where,
SOUT
OUT
2L f
I
K
V1000
 
,
VOUT: V, L: µH, fS: MHz, IOUT: mA
Staying in Discontinuous Conduction Mode
(DCM)
The system must operate in discontinuous
conduction mode (DCM) to maintain stability due
to the high conversion ratio from VIN to VOUT. A
boost converter has a right-hand zero that can
cause system instability if that zero moves into
the
system’s
operational-frequency
range.
Furthermore the right hand zero moves into lower
frequencies—where the system operates—as the
conversion ratio increases. This right-hand zero
does not exist when operating in DCM
Stability therefore requires that the system
operates in DCM under all conditions. To this end,
a dimensionless parameter called K measures a
system’s tendency to operate in DCM mode. The
other parameter is KCRIT which is the DCM, CCM
(continuous conduction mode) system boundary.
If K<KCRIT, then the system is in DCM mode
operation.

IN
IN
CRIT
CCM
CCM
OUT
OUT
2
V
2
V
KD
D
1
V
V




 



SOUT
OUT
2L f
I
K
V1000
 
DCM Mode: K < KCRIT:
CRIT
OUT
SOUT
K
V
1000
L
2f I

VIN, VOUT: V
L: µH
fS: MHz
IOUT: mA
There is a size limit to the inductor that can
cause the system to enter CCM mode and risk
instability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com