Electronic Components Datasheet Search
  English  ▼

X  

MP3430 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3430
Description  90V Step-Up Converter with APD Current Monitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3430 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3430 Datasheet HTML 1Page - Monolithic Power Systems MP3430 Datasheet HTML 2Page - Monolithic Power Systems MP3430 Datasheet HTML 3Page - Monolithic Power Systems MP3430 Datasheet HTML 4Page - Monolithic Power Systems MP3430 Datasheet HTML 5Page - Monolithic Power Systems MP3430 Datasheet HTML 6Page - Monolithic Power Systems MP3430 Datasheet HTML 7Page - Monolithic Power Systems MP3430 Datasheet HTML 8Page - Monolithic Power Systems MP3430 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP3430 — 90V STEP-UP CONVERTER WITH APD CURRENT MONITOR
MP3430 Rev 1.11
www.MonolithicPower.com
4
4/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 16
PGND
Power Ground. Pins connected internally. For best performance, connect both pins to
board ground.
2
VIN
Input Supply. Locally bypass this pin.
3
EN
Shutdown. Tie to 1.6V or higher to enable device; 0.6V or less to disable device.
4, 6, 11
NC
Not Connected.
5
FB
Feedback. Connect to the output-resistor–divider tap.
7
MON2
Current-Monitor Output. It sources a current equal to 50% of the APD current and
converts to a reference voltage through an external resistor.
8
AGND
Analog Ground.
9
RLIM
Current-Limit Resistor. Connect a resistor from RLIM to GND to program the APD
current-limit threshold.
10
MON1
Current-Monitor Output. It sources a current equal to 10% of the APD current and
converts to a reference voltage through an external resistor.
12
APD
Connect to APD Cathode.
13
MONIN
Current-Monitor Power Supply. Connect an external low-pass filter to further reduce
supply voltage ripple.
14, 15
SW
Switch. Minimize the trace length on this pin to reduce EMI.
Exposed
Pad
GND. Solder to a large copper plane on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com