Electronic Components Datasheet Search
  English  ▼

X  

MP3430 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3430
Description  90V Step-Up Converter with APD Current Monitor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3430 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3430 Datasheet HTML 7Page - Monolithic Power Systems MP3430 Datasheet HTML 8Page - Monolithic Power Systems MP3430 Datasheet HTML 9Page - Monolithic Power Systems MP3430 Datasheet HTML 10Page - Monolithic Power Systems MP3430 Datasheet HTML 11Page - Monolithic Power Systems MP3430 Datasheet HTML 12Page - Monolithic Power Systems MP3430 Datasheet HTML 13Page - Monolithic Power Systems MP3430 Datasheet HTML 14Page - Monolithic Power Systems MP3430 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP3430 — 90V STEP-UP CONVERTER WITH APD CURRENT MONITOR
MP3430 Rev 1.11
www.MonolithicPower.com
12
4/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The peak inductor current must always be
less than the MP3430 current limit and the
inductor saturation current.
In addition, chose an inductor such that the
saturation current is greater than either the IC
current limit (900mA, typ.) or the worst-case
calculated peak current—whichever is smaller.
Generally, pick an inductor with at least 20%
greater saturation current than the IC current limit,
so that the minimum saturation current would be
1.08A (900mA + 180mA). To ensure that the
calculated maximum current does not exceed the
maximum current allowed by the MP3430.
IN
1
L,PEAK
S
VD
I900mA
Lf

, typical
Diode Design
Due to the high-output voltage combined with the
diode capacitive coupling, there is a significant
reverse current through the inductor. Generally, a
low reverse bias capacitance equates to a low
reverse inductor current. However, this is not
always true though; so test the diodes prior to
final selection. Two recommended diodes with
relatively
small
reverse
currents
are
the
DFLS1150-7 (Diodes Inc, Schottky, 1A (avg),
150V) and the BAT46ZFILM (STMicroelectronics,
Schottky, 150mA (avg), 100V)
Also, select a diode with an RMS current rating
greater than the actual RMS current. The
maximum RMS current occurs when VIN is
minimal (2.7V). The RMS current equation is:
2
DIODE, RMS
RMS
PK
D
II
I
3

D2 = fractional diode conduction period:
1IN
2
OUT
IN
DV
D
VV
IDIODE, IPK: mA
RMON1, RMON2 Design
The maximum allowed voltage on either RMON1 or
RMON2 is 2.5V (typ). The maximum allowed
current is 2.5mA (typ). For faster response,
chose the maximum output less than the
maximum allowed voltage.
APD, MAX
MON1, MAX
I
I
10
APD, MAX
MON2, MAX
I
I
2
MON1, MAX
MON1
MON1, MAX
V
R
I
MON2, MAX
MON2
MON2, MAX
V
R
I
Where:
VMON1,MAX, VMON2,MAX < 2.5V
RMON1,2: kΩ
IMON1,2: mA
COUT Design
The output ripple is typically 0.1%. Use 0.1µF
capacitor for most cases. Make sure that the
capacitor voltage rating is at least 50% more than
VOUT. The ripple equation is:
APD
2
OUT,RIPPLE
SOUT
I(1 D )
V0.001
fC


IAPD: mA
fS: MHz
COUT µF
CIN Design
If the CIN is not big enough, the initial current
pulses will pull VIN down below UVLO during
power start-up. This may cause false starts.
Select a CIN of at least 10µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com