Electronic Components Datasheet Search
  English  ▼

X  

MP3900DS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3900DS
Description  High Efficiency Boost Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3900DS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3900DS Datasheet HTML 1Page - Monolithic Power Systems MP3900DS Datasheet HTML 2Page - Monolithic Power Systems MP3900DS Datasheet HTML 3Page - Monolithic Power Systems MP3900DS Datasheet HTML 4Page - Monolithic Power Systems MP3900DS Datasheet HTML 5Page - Monolithic Power Systems MP3900DS Datasheet HTML 6Page - Monolithic Power Systems MP3900DS Datasheet HTML 7Page - Monolithic Power Systems MP3900DS Datasheet HTML 8Page - Monolithic Power Systems MP3900DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP3900 – HIGH EFFICIENCY BOOST CONTROLLER
MP3900 Rev. 1.0
www.MonolithicPower.com
5
12/17/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
PGND
Power Ground Pin which is gate driver return.
2
COMP/RUN
Enable and Compensation. An internal 0.5µA current charges the pin components
above the 0.14V Run threshold to turn on the part. Below this threshold, the part is shut
down, drawing typically 3µA from VCC.
3
FB
Feedback forces this pin voltage to the 0.8V internal reference potential. Do not allow
this pin to rise above 1.2V in the application. If this pin is higher than 1.3V, the IC will go
into test mode and turn off the gate driver.
4
SGND
Signal Ground. The SGND and PGND pins should be tied together and returned directly
to the ground connection side of the output capacitor.
5
ISENSE
Current Sense. An internal clamp will limit this pin voltage to typically 36V. Do not
connect this pin directly to the drain of the external MOSFET if the voltage swing
exceeds 30V in the particular application. During normal operation, this pin will sense
the voltage across the external MOSFET or sense resistor if one is used, limiting the
peak inductor current on a cycle-by-cycle basis.
6
NC
No Connect.
7
VCC
Input Supply. Decouple this pin as close as possible to the SGND pin.
8
GATE
This pin drives the external power MOSFET device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com