Electronic Components Datasheet Search
  English  ▼

X  

MP3900DS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3900DS
Description  High Efficiency Boost Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3900DS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3900DS Datasheet HTML 5Page - Monolithic Power Systems MP3900DS Datasheet HTML 6Page - Monolithic Power Systems MP3900DS Datasheet HTML 7Page - Monolithic Power Systems MP3900DS Datasheet HTML 8Page - Monolithic Power Systems MP3900DS Datasheet HTML 9Page - Monolithic Power Systems MP3900DS Datasheet HTML 10Page - Monolithic Power Systems MP3900DS Datasheet HTML 11Page - Monolithic Power Systems MP3900DS Datasheet HTML 12Page - Monolithic Power Systems MP3900DS Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP3900 – HIGH EFFICIENCY BOOST CONTROLLER
MP3900 Rev. 1.0
www.MonolithicPower.com
10
12/17/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Boost Converter: Compensation Design
The output of the transconductance error
amplifier (COMP) is used to compensate the
regulation control system. The system uses two
poles and one zero to stabilize the control loop.
The poles are fP1, which is set by the output
capacitor (C2) and load resistance and fP2,
which starts from origin. The zero (fZ1) is set by
the compensation capacitor (C3) and the
compensation resistor (R3). These parameters
are determined by the equations:
LOAD
1
P
R
C2
1
f
×
×
π
=
3
R
C3
2
1
f 1
Z
×
×
π
×
=
Where RLOAD is the load resistance.
The DC mid-band loop gain is:
SENSE
2
OUT
ET
REF
LOAD
IN
EA
VDC
R
V
A
3
R
V
R
V
G
5
.
0
A
×
×
×
×
×
×
×
=
where VREF is the voltage reference, 0.8V. AET is
the gain of error amplifier translator and GEA is
the error amplifier transconductance.
The ESR zero in this example locates at very
high frequency. Therefore, it is not taken into
design consideration.
There is also a right-half-plane zero (fRHPZ) that
exists in continuous conduction mode (inductor
current does not drop to zero on each cycle)
step-up converters. The frequency of the right
half plane zero is:
2
2
OUT
LOAD
IN
RHPZ
V
L
2
R
V
f
×
×
π
×
×
=
The right-half-plane zero increases the gain and
reduces the phase simultaneously, which
results in smaller phase margin and gain
margin. The worst case happens at the
condition of minimum input voltage and
maximum output power.
In order to achieve system stability, fz1 is placed
close to fP1 to cancel the pole. R3 is adjusted to
change the voltage gain. Make sure the
bandwidth is about 1/10 of the lower one of the
ESR zero and the right-half-plane zero.
R3
C3
2
1
R
C2
1
LOAD
×
×
π
×
=
×
×
π
ET
IN
REF
EA
SENSE
c
OUT
A
V
V
G
R
f
2
C
2
V
3
R
2
×
×
×
×
×
×
π
×
×
=
Based on these equations, R3 and C3 can be
solved.
For the application in page 1, fp1 = 1.35KHz,
ESR zero is much higher than the switching
frequency and fRHPZ=45.8KHz. Set fz1 to
3.18KHz and make the crossover frequency
8.5kHz, then R3=5kΩ and C3=10nF. Choose
5kΩ and 10nF.
In cases where the ESR zero is in a relatively
low frequency region and results in insufficient
gain margin, an optional capacitor (C5) (shown
in Figure 2) should be added. Then a pole,
formed by C5 and R3, should be placed at the
ESR zero to cancel the adverse effect.
fESRz
R3
2
1
5
C
×
×
π
×
=
Layout Consideration
High frequency switching regulators require
very careful layout for stable operation and low
noise. Keep the high current path as short as
possible between the MOSFET drain, output
diode, output capacitor and GND pin for
minimal noise and ringing. The VCC capacitor
must be placed close to the VCC pin for best
decoupling. All feedback components must be
kept close to the FB pin to prevent noise
injection on the FB pin trace. The ground return
of the input and output capacitors should be
tied closed to the GND pin. See the MP3900
demo board layout for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com