Electronic Components Datasheet Search
  English  ▼

X  

MP3900DS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3900DS
Description  High Efficiency Boost Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3900DS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3900DS Datasheet HTML 2Page - Monolithic Power Systems MP3900DS Datasheet HTML 3Page - Monolithic Power Systems MP3900DS Datasheet HTML 4Page - Monolithic Power Systems MP3900DS Datasheet HTML 5Page - Monolithic Power Systems MP3900DS Datasheet HTML 6Page - Monolithic Power Systems MP3900DS Datasheet HTML 7Page - Monolithic Power Systems MP3900DS Datasheet HTML 8Page - Monolithic Power Systems MP3900DS Datasheet HTML 9Page - Monolithic Power Systems MP3900DS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP3900 – HIGH EFFICIENCY BOOST CONTROLLER
MP3900 Rev. 1.0
www.MonolithicPower.com
6
12/17/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
Enable
Vref = 0.8V
FB
IMAX
Clamp
Slope
Compensation
COMP/RUN
SGND
EA Translator
Optional Filter
EA
Oscillator
Internal
Bias
--
+
VOUT
Rsense
Driver
PGND
Rdson
sensing
GATE
ISENSE
Gates
Off
Turn
Off
ITRP
--
+
S
R
Q
Q
VIN
VCC
Figure 1—Functional Block Diagram
The MP3900 uses a constant frequency, peak
current mode architecture to regulate the
feedback voltage. The operation of the MP3900
can be understood with the block diagram of
Figure 1.
At the beginning of each cycle the external
N-Channel MOSFET is turned on, forcing the
current in the inductor to increase. The current
through the FET can either be sensed through
a sensing resistor or across the external FET
directly. This voltage is then compared to a
voltage related to the COMP/RUN node voltage.
The voltage at the COMP/RUN pin is an
amplified voltage of the difference between the
0.8V reference and the feedback node voltage.
When the voltage at the ISENSE node rises
above the voltage set by the COMP/RUN pin,
the external FET is turned off. The inductor
current then flows to the output capacitor
through the Schottky diode. The inductor
current is controlled by the COMP/RUN voltage,
which itself is controlled by the output voltage.
The peak inductor current is internally limited by
the IMAX clamp voltage that limits the voltage
applied to the ITRP comparator input.
Thus the output voltage controls the inductor
current to satisfy the load. This current mode
architecture improves transient response and
control loop stability over a voltage mode
architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com