Electronic Components Datasheet Search
  English  ▼

X  

MP3900DS Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3900DS
Description  High Efficiency Boost Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3900DS Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3900DS Datasheet HTML 4Page - Monolithic Power Systems MP3900DS Datasheet HTML 5Page - Monolithic Power Systems MP3900DS Datasheet HTML 6Page - Monolithic Power Systems MP3900DS Datasheet HTML 7Page - Monolithic Power Systems MP3900DS Datasheet HTML 8Page - Monolithic Power Systems MP3900DS Datasheet HTML 9Page - Monolithic Power Systems MP3900DS Datasheet HTML 10Page - Monolithic Power Systems MP3900DS Datasheet HTML 11Page - Monolithic Power Systems MP3900DS Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP3900 – HIGH EFFICIENCY BOOST CONTROLLER
MP3900 Rev. 1.0
www.MonolithicPower.com
8
12/17/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
For example, 2.2uF capacitance is sufficient to
achieve less then 1% input voltage ripple.
Meanwhile, it requires an adequate ripple
current rating. Use a capacitor with RMS
current rating greater than the inductor ripple
current (see Selecting the Inductor to determine
the inductor ripple current).
In addition, a smaller high quality ceramic
0.1μF~1µF capacitor may be placed to absorb
the high frequency noise. If using this technique,
it is recommended that the larger capacitor be a
tantalum or electrolytic type.
Selecting the Output Capacitor
Typically, a boost converter has significant
output voltage ripple because the current
through the output diode is discontinuous.
During the diode off state, all of the load current
is supplied by the output capacitor.
Low ESR capacitors are preferred to keep the
output voltage ripple to a minimum. The
characteristics of the output capacitor also
affect the stability of the regulation control
system. Ceramic, tantalum or low ESR
electrolytic capacitors are recommended. In the
case of ceramic capacitors, the impedance of
the capacitor at the switching frequency is
dominated by the capacitance, and so the
output voltage ripple is mostly independent of
the ESR. The output voltage ripple is estimated
to be:
SW
LOAD
OUT
IN
RIPPLE
f
2
C
I
V
V
-
1
V
×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
≈
Where VRIPPLE is the output ripple voltage, VIN
and VOUT are the DC input and output voltages
respectively, ILOAD is the load current, fSW is the
switching frequency and C2 is the output
capacitor.
In the case of tantalum or low-ESR electrolytic
capacitors, the ESR dominates the impedance
at the switching frequency. Therefore, the
output ripple is calculated as:
IN
OUT
ESR
LOAD
)
pk
_
pk
(
RIPPLE
V
V
R
I
V
×
×
≈
Where RESR is the equivalent series resistance
of the output capacitors.
For the application shown in page 1, use
ceramic
capacitor
as
an
example.
For
VIN(MIN)=10V, VOUT=25V, ILOAD(MAX)=2A, and
VRIPPLE=1%
of
the
output
voltage,
the
capacitance C2=14.5µF. Please note that the
ceramic
capacitance
could
dramatically
decrease as the voltage across the capacitor
increases. As a result, larger capacitance is
recommended. In this example, place four
4.7µF ceramic capacitors in parallel. The
voltage rating is also chosen as 50V.
In the meantime, the RMS current rating of the
output capacitor needs to be sufficient to handle
the large ripple current. The RMS current is
given by:
(
)
2
LOAD
OUT
IN
)
MAX
(
IN
LOAD
2
)
MAX
(
IN
)
RMS
(
RIPPLE
I
V
V
I
I
2
I
I
+
×
×
×
−
≈
INMAX
2
NMAX
I
)
RMS
(
RIPPLE
I
5
.
0
I
)
D
1
(
D
I
×
<
×
−
≈
For
IIN(MAX)=5.3A,
ILOAD=2A,
VIN=12V
and
VOUT=25V, IRIPPLE(RMS)=2.64A. Make sure that
the output capacitor can handle such an RMS
current.
In addition, a smaller high quality ceramic
0.1μF~1uF capacitor needs to be placed at the
output to absorb the high frequency noise
during the commutation between the power
MOSFET and the output diode. Basically, the
high frequency noise is caused by the parasitic
inductance of the trace and the parasitic
capacitors of devices. The ceramic capacitor
should be placed as close as possible to the
power MOSFET and output diode in order to
minimize the parasitic inductance and maximize
the absorption.
Selecting the Power MOSFET
The MP3900 is capable of driving a wide variety
of N-Channel power MOSFETS. The critical
parameters of selection of a MOSFET are:
1. Maximum drain to source voltage, VDS(MAX)
2. Maximum current, ID(MAX)
3. On-resistance, RDS(ON)
4. Gate source charge QGS and gate drain
charge QGD
5. Total gate charge, QG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com