Electronic Components Datasheet Search
  English  ▼

X  

MCP1727 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1727
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1727 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1727 Datasheet HTML 6Page - Microchip Technology MCP1727 Datasheet HTML 7Page - Microchip Technology MCP1727 Datasheet HTML 8Page - Microchip Technology MCP1727 Datasheet HTML 9Page - Microchip Technology MCP1727 Datasheet HTML 10Page - Microchip Technology MCP1727 Datasheet HTML 11Page - Microchip Technology MCP1727 Datasheet HTML 12Page - Microchip Technology MCP1727 Datasheet HTML 13Page - Microchip Technology MCP1727 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP1727
DS21999B-page 10
© 2007 Microchip Technology Inc.
NOTE: Unless otherwise indicated VOUT = 1.8V (Adjustable), VIN = 2.8V, COUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF
Ceramic (X7R), IOUT = 1 mA, Temperature = +25°C, VIN = VOUT + 0.6V, RPWRGD = 10 kΩ To VIN.
FIGURE 2-13:
Quiescent Current vs.
Temperature.
FIGURE 2-14:
ISHDN vs. Temperature.
FIGURE 2-15:
Line Regulation vs.
Temperature (0.8V Fixed).
FIGURE 2-16:
Line Regulation vs.
Temperature (2.5V Fixed).
FIGURE 2-17:
Load Regulation vs.
Temperature (VOUT < 2.5V Fixed).
FIGURE 2-18:
Load Regulation vs.
Temperature (VOUT ≥ 2.5V Fixed).
95
100
105
110
115
120
125
130
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 0.8V
VOUT = 2.5V
IOUT = 0 mA
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-45
-20
5
30
55
80
105
130
Temperature (°C)
VIN = 2.3V
VIN = 4.0V
VIN = 6.0V
VR = 0.8V
0.00
0.02
0.04
0.06
0.08
0.10
-45
-20
5
305580
105
130
Temperature (°C)
VOUT = 0.8V
VIN = 2.3V to 6.0V
IOUT = 1 mA
IOUT = 100 mA
IOUT = 500mA
IOUT = 1A
0.015
0.020
0.025
0.030
0.035
0.040
0.045
-45
-20
5
305580
105
130
Temperature (°C)
IOUT = 1000 mA
IOUT = 1 mA
IOUT = 100 mA
IOUT = 1500 mA
IOUT = 500 mA
VR = 2.5V
VIN = 3.1 to 6.0V
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 0.8V
IOUT = 1 mA to 1500 mA
VIN = 2.3V
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 2.5V
VOUT = 5.0V
IOUT = 1 mA to 1500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com