Electronic Components Datasheet Search
  English  ▼

X  

MCP1727 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1727
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1727 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1727 Datasheet HTML 10Page - Microchip Technology MCP1727 Datasheet HTML 11Page - Microchip Technology MCP1727 Datasheet HTML 12Page - Microchip Technology MCP1727 Datasheet HTML 13Page - Microchip Technology MCP1727 Datasheet HTML 14Page - Microchip Technology MCP1727 Datasheet HTML 15Page - Microchip Technology MCP1727 Datasheet HTML 16Page - Microchip Technology MCP1727 Datasheet HTML 17Page - Microchip Technology MCP1727 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MCP1727
DS21999B-page 14
© 2007 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Input Voltage Supply (VIN)
Connect the unregulated or regulated input voltage
source to VIN. If the input voltage source is located
several inches away from the LDO, or the input source
is a battery, it is recommended that an input capacitor
be used. A typical input capacitance value of 1 µF to
10 µF should be sufficient for most applications.
3.2
Shutdown Control Input (SHDN)
The SHDN input is used to turn the LDO output voltage
on and off. When the SHDN input is at a logic-high
level, the LDO output voltage is enabled. When the
SHDN input is pulled to a logic-low level, the LDO
output voltage is disabled. When the SHDN input is
pulled low, the PWRGD output also goes low and the
LDO enters a low quiescent current shutdown state
where the typical quiescent current is 0.1 µA.
3.3
Ground (GND)
Connect the GND pin of the LDO to a quiet circuit
ground. This will help the LDO power supply rejection
ratio and noise performance. The ground pin of the
LDO only conducts the quiescent current of the LDO
(typically 120 µA), so a heavy trace is not required.
For applications have switching or noisy inputs tie the
GND pin to the return of the output capacitor. Ground
planes help lower inductance and voltage spikes
caused by fast transient load currents and are
recommended for applications that are subjected to
fast load transients.
3.4
Power Good Output (PWRGD)
The PWRGD output is an open-drain output used to
indicate when the LDO output voltage is within 92%
(typically) of its nominal regulation value. The PWRGD
threshold has a typical hysteresis value of 2%. The
PWRGD output is typically delayed by 200 µs (typical,
no capacitance on CDELAY pin) from the time the LDO
output is within 92% + 3% (max hysteresis) of the
regulated output value on power-up. This delay time is
controlled by the CDELAY pin.
3.5
Power Good Delay Set-Point Input
(CDELAY)
The CDELAY input sets the power-up delay time for the
PWRGD output. By connecting an external capacitor
from the CDELAY pin to ground, the typical delay times
for the PWRGD output can be adjusted from 200 µs (no
capacitance) to 300 ms (0.1 µF capacitor). This allows
for the optimal setting of the system reset time.
3.6
Output Voltage Sense/Adjust Input
(ADJ/Sense)
3.6.1
ADJ
For adjustable applications, the output voltage is
connected to the ADJ input through a resistor divider
that sets the output voltage regulation value. This
provides the user the capability to set the output
voltage to any value they desire within the 0.8V to 5.0V
range of the device.
Fixed Output
Adjustable
Output
Name
Description
11
VIN
Input Voltage Supply
22
VIN
Input Voltage Supply
3
3
SHDN
Shutdown Control Input (active-low)
4
4
GND
Ground
5
5
PWRGD
Power Good Output (open-drain)
66
CDELAY
Power Good Delay Set-Point Input
—
7
ADJ
Voltage Sense Input (adjustable version)
7
—
Sense
Voltage Sense Input (fixed voltage version)
88
VOUT
Regulated Output Voltage
Exposed Pad
Exposed Pad
EP
Exposed Pad of the DFN Package (ground potential)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com