Electronic Components Datasheet Search
  English  ▼

X  

MCP1727 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP1727
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1727 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP1727 Datasheet HTML 16Page - Microchip Technology MCP1727 Datasheet HTML 17Page - Microchip Technology MCP1727 Datasheet HTML 18Page - Microchip Technology MCP1727 Datasheet HTML 19Page - Microchip Technology MCP1727 Datasheet HTML 20Page - Microchip Technology MCP1727 Datasheet HTML 21Page - Microchip Technology MCP1727 Datasheet HTML 22Page - Microchip Technology MCP1727 Datasheet HTML 23Page - Microchip Technology MCP1727 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
MCP1727
DS21999B-page 20
© 2007 Microchip Technology Inc.
5.0
APPLICATION CIRCUITS/
ISSUES
5.1
Typical Application
The MCP1727 is used for applications that require high
LDO output current and a power good output.
FIGURE 5-1:
Typical Application Circuit.
5.1.1
APPLICATION CONDITIONS
5.2
Power Calculations
5.2.1
POWER DISSIPATION
The internal power dissipation within the MCP1727 is a
function of input voltage, output voltage, output current
and quiescent current. Equation 5-1 can be used to
calculate the internal power dissipation for the LDO.
EQUATION 5-1:
In addition to the LDO pass element power dissipation,
there is power dissipation within the MCP1727 as a
result of quiescent or ground current. The power
dissipation as a result of the ground current can be
calculated using the following equation:
EQUATION 5-2:
The total power dissipated within the MCP1727 is the
sum of the power dissipated in the LDO pass device
and the P(IGND) term. Because of the CMOS
construction, the typical IGND for the MCP1727 is
120 µA. Operating at a maximum of 3.465V results in a
power dissipation of 0.49 milli-Watts. For most
applications, this is small compared to the LDO pass
device power dissipation and can be neglected.
The
maximum
continuous
operating
junction
temperature specified for the MCP1727 is +125°C. To
estimate the internal junction temperature of the
MCP1727, the total internal power dissipation is
multiplied by the thermal resistance from junction to
ambient (R
θJA) of the device. The thermal resistance
from junction to ambient for the 3x3 DFN package is
estimated at 41° C/W.
EQUATION 5-3:
Package Type = 3x3DFN8
Input Voltage Range = 3.3V ± 5%
VIN maximum = 3.465V
VIN minimum = 3.135V
VDROPOUT (max) = 0.525V
VOUT (typical) = 2.5V
IOUT = 1.5A maximum
PDISS (typical) = 1.2W
Temperature Rise = 49.2°C
VIN
SHDN
GND PWRGD
CDELAY
Sense
VOUT
1
2
3
4
5
6
7
8
10 µF
VOUT = 2.5V @ 1.5A
10 µF
VIN = 3.3V
On
Off
VIN
R1
C1
C2
1000 pF
C3
MCP1727-2.5
10k
Ω
PWRGD
PLDO
VIN MAX)
()
VOUT MIN
()
–
() I
OUT MAX
)
()
×
=
Where:
PLDO = LDO Pass device internal
power dissipation
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
PIGND
()
VIN MAX
()
IVIN
×
=
Where:
PI(GND = Power dissipation due to the
quiescent current of the LDO
VIN(MAX) = Maximum input voltage
IVIN = Current flowing in the VIN pin
with no LDO output current
(LDO quiescent current)
TJMAX
()
PTOTAL RθJA
×
TAMAX
+
=
TJ(MAX) = Maximum continuous junction
temperature
PTOTAL = Total device power dissipation
R
θJA = Thermal resistance from junction to
ambient
TAMAX = Maximum ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com