Electronic Components Datasheet Search
  English  ▼

X  

MCP1727 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1727
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1727 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1727 Datasheet HTML 7Page - Microchip Technology MCP1727 Datasheet HTML 8Page - Microchip Technology MCP1727 Datasheet HTML 9Page - Microchip Technology MCP1727 Datasheet HTML 10Page - Microchip Technology MCP1727 Datasheet HTML 11Page - Microchip Technology MCP1727 Datasheet HTML 12Page - Microchip Technology MCP1727 Datasheet HTML 13Page - Microchip Technology MCP1727 Datasheet HTML 14Page - Microchip Technology MCP1727 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
© 2007 Microchip Technology Inc.
DS21999B-page 11
MCP1727
NOTE: Unless otherwise indicated VOUT = 1.8V (Adjustable), VIN = 2.8V, COUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF
Ceramic (X7R), IOUT = 1 mA, Temperature = +25°C, VIN = VOUT + 0.6V, RPWRGD = 10 kΩ To VIN.
FIGURE 2-19:
Dropout Voltage vs. Load
Current.
FIGURE 2-20:
Dropout Voltage vs.
Temperature.
FIGURE 2-21:
Short Circuit Current vs.
Input Voltage.
FIGURE 2-22:
Output Noise Voltage
Density vs. Frequency.
FIGURE 2-23:
Power Supply Ripple
Rejection (PSRR) vs. Frequency (VOUT = 1.2V
Adj.).
FIGURE 2-24:
Power Supply Ripple
Rejection (PSRR) vs. Frequency (VOUT = 1.2V
Adj.).
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
250
500
750
1000
1250
1500
Load Current (mA)
VOUT = 5.0V
VOUT = 2.5V
Temperature = 25
°C
0.25
0.30
0.35
0.40
0.45
-45
-20
5
305580
105
130
Temperature (°C)
IOUT = 1.5A
VOUT = 2.5V
VOUT = 5.0V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
VOUT = 2.5V
Temperature = 25°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR=0.8V, VIN=2.3V
VR=2.5V, VIN=3.3V
COUT=1 μF ceramic X7R
CIN=10 μF ceramic
IOUT=200 mA
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR=1.2V Adj
COUT=10 μF ceramic X7R
VIN=3.1V
CIN=0 μF
IOUT=10 mA
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR=1.2V Adj
COUT=22 μF ceramic X7R
VIN=3.1V
CIN=0 μF
IOUT=10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com